Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 30 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 30 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 26Page - Microchip Technology ATECC508A Datasheet HTML 27Page - Microchip Technology ATECC508A Datasheet HTML 28Page - Microchip Technology ATECC508A Datasheet HTML 29Page - Microchip Technology ATECC508A Datasheet HTML 30Page - Microchip Technology ATECC508A Datasheet HTML 31Page - Microchip Technology ATECC508A Datasheet HTML 32Page - Microchip Technology ATECC508A Datasheet HTML 33Page - Microchip Technology ATECC508A Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
The public key corresponding to the generated private key is returned to the system, and the device can
also use another internally stored key to create a MAC or signature (using the Sign(Internal)
command) covering the new public key.
3.2.4
Created Secret Keys
There may be a need to have unique ephemeral symmetric keys on each client; a function also supported
by the ATECC508A. With this mechanism, a parent key (that is specified by SlotConfig.WriteKey) is
combined with a fixed or random nonce to create a unique key, which is then used for any cryptographic
purpose.
The ability to create unique keys is especially useful if the parent key has usage restrictions (see Sections
High Endurance Monotonic Counters and Limited Use Key (Slot 15 only)). In this mode, the limited use
parent can be employed to create an unlimited use child key. Because the child key is useful only for this
particular host-client pair, attacks on its value are less valuable.
This capability is also implemented using the DeriveKey command. Prior to execution of the
DeriveKey command, the Nonce command must be run to load the nonce value into TempKey.
3.2.5
High Endurance Monotonic Counters
The ATECC508A supports two independent high endurance nonvolatile monotonic counters that can
count to a value of 2,097,151. Their value never decreases and the storage elements are protected
against count loss if the power is interrupted during an incrementing operation. The current value of the
two counters can be read using the Counter command, which can also be used to increment the
counters. There is no way to reset the counters.
The counters can be used in one of two methods:
•
Cryptographic Counters:
In this mode, the Counter command is used to increment the value of the counters and the current
value can be read via the same command. The two counters are independent.
•
Limited Key Use:
Counter<0> can be attached to any one (or more) of keys 0 – 14 via the SlotConfig.LimitedUse bit.
If this bit is set, then any use of the keys will cause the counter to increment automatically prior to
the operation being performed. If the counter has reached its limit, then the command will return an
error code, and no counter change will occur. Use of the keys for fewer than 2,097,151 times is
facilitated by initializing the counters in the configuration zone to a lower value. Contact Microchip
for details.
The GenKey, Read, and Write commands ignore the monotonic counter limited use feature. It is also
ignored for the copied slot during CheckMac/Copy.
3.2.6
Limited Use Key (Slot 15 only)
If SlotConfig<15>.LimitedUse is set, usage of key number 15 is limited through a different mechanism
than the limitation described in the previous section (which applies only to Slots 0 through 14).
Prior to any use of Key 15 by a command, the following takes place:
•
If all bytes in LastKeyUse are 0x00, then return error.
•
Starting at bit 7 of the first byte of LastKeyUse (byte 68 in Configuration zone), clear to zero the first
bit, which is currently a one. If byte 68 is 0x00, then check bit 7 of byte 69, and so forth up through
byte 83. Only a single bit is cleared each time prior to using Key 15.
ATECC508A
Security Information
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com