Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 47 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 47 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 43Page - Microchip Technology ATECC508A Datasheet HTML 44Page - Microchip Technology ATECC508A Datasheet HTML 45Page - Microchip Technology ATECC508A Datasheet HTML 46Page - Microchip Technology ATECC508A Datasheet HTML 47Page - Microchip Technology ATECC508A Datasheet HTML 48Page - Microchip Technology ATECC508A Datasheet HTML 49Page - Microchip Technology ATECC508A Datasheet HTML 50Page - Microchip Technology ATECC508A Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 109 page
background image
7.
General Purpose I/O Pin
When the Single-Wire Interface is enabled, the SCL pin is available to be used as a GPIO pin. It may be
used to drive one or two LEDs or can be connected to an external tamper detection switch or connected
in many other ways. When configured as an output, it may be used as an enable pin for some external
component in the system which may require cryptographic validation prior to assertion.
On initial power-up, the pin is always temporarily configured as an input. During the device initialization,
which occurs with the very first wake operation, the contents of the I2C_Address field are read and the
GPIO pin will be driven to the state. The direction (input or output) and state (if an output) of the GPIO pin
will remain unchanged during sleep and idle states. The actions of this pin are controlled by the
I2C_Address byte in the Configuration zone, and the GPIO mode of the Info command as described in
the table below:
Table 7-1. GPIO Mode
Bit 3 Bit 2 Bit 1 Bit 0 Name
Power-
Up State
Meaning
x
x
0
0
Disable
Input
The SCL pin is unused and should be tied to GND. Any attempt to
execute the GPIO mode of the Info command will result in an error
code being returned to the system firmware. The GPIO mode of the
Info command will also return an error code if the part is configured
for I2C operation.
0
0
0
1
Auth0
Low
The SCL pin will be permanently configured as an output and will be
driven to a zero (default) state when the first wake operation after
power-up occurs. The pin can then be driven to the opposite ('1')
state by the Info command if a prior authorization has been
performed using the SignalKey slot. The GPIO output mode of the
Info command can be used to reset the pin back to the default
value without authorization. The GPIO retains its state so long as
VCC remains above 2V.
0
1
0
1
Auth1
High
As Auth0; however, the default state after power-up is one.
1
x
0
1
Intrusion
Input
The SCL pin will be permanently configured as an input. On power-
up, an internal intrusion latch is set to zero. The intrusion latch is set
via authorization and is cleared if SCL falls. The state of latch can
be determined via the Info command. It will remain in that state so
long as a voltage greater than 1.8V is applied to the SCL pin and
VCC remains above 2.0V regardless of the internal state (asleep,
idle, or wake) of the ATECC508A. Any falling edge on the SCL pin
resets the intrusion latch to zero regardless of whether or not the
ATECC508A is in wake or sleep mode. Reading the state of the
GPIO pin via the Info command returns the value of the intrusion
latch; not the current state of the pin.
x
x
1
0
Input
Input
The SCL pin will remain permanently configured as an input.
Execution of the Info command will permit the current state on the
pin to be returned to the system firmware.
x
0
1
1
Output0
Low
The SCL pin will be configured as an output and will be driven to a
zero state when the first wake operation occurs. Subsequent Info
commands can be executed to drive the pin high or low.
ATECC508A
General Purpose I/O Pin
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com