Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 78 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 78 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 74Page - Microchip Technology ATECC508A Datasheet HTML 75Page - Microchip Technology ATECC508A Datasheet HTML 76Page - Microchip Technology ATECC508A Datasheet HTML 77Page - Microchip Technology ATECC508A Datasheet HTML 78Page - Microchip Technology ATECC508A Datasheet HTML 79Page - Microchip Technology ATECC508A Datasheet HTML 80Page - Microchip Technology ATECC508A Datasheet HTML 81Page - Microchip Technology ATECC508A Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 109 page
background image
Input. If operated in this mode and with a repeated input number value, the device provides no protection
against replay attacks.
Prior to the configuration zone being locked, the RNG produces a value of 0xFF FF 00 00 FF FF 00
00 to facilitate testing. This test value is combined with the input value in the manner described above.
Table 9-35. Input Parameters
Name
Size
Notes
Opcode NONCE
1
0x16
Param1
Mode
1
Controls the mechanism of the internal RNG and seed update.
Param2
Zero
2
Bit 15:
0 = OutData is either the output of the RNG or a single byte of zero.
1= RandOut is replaced by TempKey in both the hash calculation input
(message) and the command output parameter.
Bits 14-0: Must be zero
Data
NumIn 20, 32 Input value from system.
Table 9-36. Output Parameter
Name
Size
Notes
OutData 1 or 32 The output of the RNG, calculated nonce or a single byte with a value of zero if Mode<0:1> is
three.
If Mode<1:0> is 0b00 or 0b01 and Param2<15> is zero, then the input NumIn parameter must be 20
bytes long and the SHA-256 message body used to create the nonce stored internally in TempKey
consists of the following. Upon completion of the command, TempKey.SourceFlag is set to Rand. If
Mode<1:0> is 0b01, the automatic random number seed update is suppressed. See Section Random
Number Generator (RNG).
32 bytes
RandOut
20 bytes
NumIn from input stream
1 byte
Opcode (always 0x16)
1 byte
Mode
1 byte
LSB of Param2 (should always be 0x00)
If Mode<1:0> is 0b00 or 0b01 and Param2<15> is one, then the input NumIn parameter must be 20
bytes long and the SHA-256 message body used to create the nonce stored internally in TempKey
consists of the following. TempKey must be valid prior to execution of this command and the values of the
remaining TempKey flags remain unchanged.
32 bytes
TempKey
20 bytes
NumIn from input stream
1 byte
Opcode (always 0x16)
1 byte
Mode
1 byte
LSB of Param2 (should always be 0x00)
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com