Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 63 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 63 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 59Page - Microchip Technology ATECC508A Datasheet HTML 60Page - Microchip Technology ATECC508A Datasheet HTML 61Page - Microchip Technology ATECC508A Datasheet HTML 62Page - Microchip Technology ATECC508A Datasheet HTML 63Page - Microchip Technology ATECC508A Datasheet HTML 64Page - Microchip Technology ATECC508A Datasheet HTML 65Page - Microchip Technology ATECC508A Datasheet HTML 66Page - Microchip Technology ATECC508A Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
counts even if the power is interrupted during the counting operation. In some power loss conditions, the
counter may increment by a value of more than one.
Counter<0> may be attached to some keys to limit their use; Counter<1> is never attached to any key.
When Counter<0> is attached to a key, the counter will be incremented with each use of the key until the
counter has reached its maximum value at which point use of the key will no longer be permitted. The
number of legal uses for a key can be controlled by initializing the Counter<0> to a non-zero value at
configuration time. Contact Microchip for details.
Table 9-12. Input Parameters
Name
Size
Notes
Opcode Counter
1
0x24
Param1
Mode
1
Bit 7-1:
Must be zero.
Bit 0:
0 = Read the value of the specified counter.
1 = Increment the value of the specified counter.
Param2
KeyID
2
The counter to be incremented. Only zero and one are legal values.
Table 9-13. Output Parameter
Name
Size
Notes
Count
4 or 1
Generally, this will be the current binary value of the counter.
If KeyID points to in invalid counter ID, a Parse Error will be returned.
If a requested increment fails, then an Exec error will be returned.
9.4
DeriveKey Command
The device combines the current value of a key with the nonce stored in TempKey using SHA-256 and
places the result into the target key slot. SlotConfig<TargetKey>.Bit13 must be set or DeriveKey will
return an error. DeriveKey always returns an error if KeyConfig indicates that the slot contains an ECC
private key, if the configuration zone has not been locked, or if the TargetKey slot is individually locked
using SlotLocked.
If SlotConfig<TargetKey>.Bit12 is zero, the source key that will be combined with TempKey is the target
key as specified in the command line (Roll Key operation). If SlotConfig<TargetKey>.Bit12 is one, the
source key is the parent key of the target key, which is found in SlotConfig<TargetKey>.WriteKey (Create
Key operation).
Prior to execution of this command, the Nonce command must have been run to create a valid nonce in
TempKey. If KeyConfig.ReqRandom is one for the source key, this nonce must have been created with
the internal RNG or an error will be returned. In all cases, Mode<2> must match the state of
TempKey.SourceFlag or the command will return an error.
If SlotConfig<TargetKey>.Bit15 is set, an input MAC must be present and have been computed as
follows:
SHA-256(ParentKey, Opcode, Param1, Param2, SN<8>, SN<0:1>)
where the ParentKey ID is always SlotConfig<TargetKey>.WriteKey.
If performing a Roll Key operation and KeyConfig<TargetKey>.ReqAuth is one, then the appropriate
authorization must have been performed using KeyConfig<TargetKey>.AuthKey prior to the execution of
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com