Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 40 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 40 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 36Page - Microchip Technology ATECC508A Datasheet HTML 37Page - Microchip Technology ATECC508A Datasheet HTML 38Page - Microchip Technology ATECC508A Datasheet HTML 39Page - Microchip Technology ATECC508A Datasheet HTML 40Page - Microchip Technology ATECC508A Datasheet HTML 41Page - Microchip Technology ATECC508A Datasheet HTML 42Page - Microchip Technology ATECC508A Datasheet HTML 43Page - Microchip Technology ATECC508A Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 109 page
background image
6.
I2C Interface
The I2C Interface uses the SDA and SCL pins to indicate various I/O states to the ATECC508A. This
interface is designed to be compatible at the protocol level with the Microchip AT24C16 Serial EEPROM
operating at 1 MHz.
Note:  There are many differences between the two devices (for example, the ATECC508A and
AT24C16 have different default I2C addresses); therefore, designers should read the respective data
sheets carefully.
The SDA pin is normally pulled high with an external pull-up resistor because the ATECC508A includes
only an open-drain driver on its output pin. The bus master may either be open-drain or totem pole. In the
latter case, it should be tri-stated when the ATECC508A is driving results on the bus. The SCL pin is an
input and must be driven both high and low at all times by an external device or resistor.
6.1
I/O Conditions
The device responds to the following I/O conditions:
6.1.1
Device is Asleep
When the device is asleep, it ignores all but the Wake condition.
•
Wake: if SDA is held low for a period of greater than tWLO, the device will exit low power mode and
after a delay of tWHI, it will be ready to receive I2C commands. The device ignores any levels or
transitions on the SCL pin when the device is idle or asleep and during tWLO. At some point during
tWHI the SCL pin is enabled and the conditions listed in Section Device is Awake are honored.
The Wake condition requires that either the system processor manually drives the SDA pin low for tWLO,
or a data byte of 0x00 be transmitted at a clock rate sufficiently slow so that SDA is low for a minimum
period of tWLO. When the device is awake, the normal processor I2C hardware and/or software can be
used for device communications up to and including the I/O sequence required, thus putting the device
back into low power (i.e. sleep) mode.
When there are multiple ATECC508A devices on the bus, and the I2C interface is run at 133 kHz or
slower, the transmission of certain data patterns (such as 0x00) will cause all the ATECC508A devices
on the bus to wake-up. Because subsequent device addresses transmitted along the bus will only match
the desired devices, the unused devices will remain idle and not cause any bus conflicts.
In the I2C mode, the device will ignore a wake sequence that is sent when the device is already awake.
6.1.2
Device is Awake
When the device is awake, it honors the conditions listed below:
•
DATA Zero: if SDA is low and stable while SCL goes from low to high to low, then a zero bit is
being transferred on the bus. SDA can change while SCL is low.
•
DATA One: if SDA is high and stable while SCL goes from low to high to low, then a one bit is being
transferred on the bus. SDA can change while SCL is low.
ATECC508A
I2C Interface
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com