Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 12 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 12 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 8Page - Microchip Technology ATECC508A Datasheet HTML 9Page - Microchip Technology ATECC508A Datasheet HTML 10Page - Microchip Technology ATECC508A Datasheet HTML 11Page - Microchip Technology ATECC508A Datasheet HTML 12Page - Microchip Technology ATECC508A Datasheet HTML 13Page - Microchip Technology ATECC508A Datasheet HTML 14Page - Microchip Technology ATECC508A Datasheet HTML 15Page - Microchip Technology ATECC508A Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
Table 2-4. Certificate Storage
X.509 Certificate
Encoded Certificate
X.509 Element
Size (Bytes)
Encoded Certificate Element
Device Cert
(Bits)
Signer Cert
(Bits)
Serial Number
8-20
Serial number source
4
4
Issue Date
13
Compressed format
19
19
Expire Date
13
Number of years before expiration
5
5
Signer ID(2)
4
ID of the specific signer used to sign
the certificate (device cert) or of the
signer itself (signer cert)
16
16
AuthorityKeyIdentifier
20
SHA1 HASH of the authority public
key
0
0
SubjectKeyIdentifier
20
SHA1 HASH of the subject public key
0
0
Signature R
32
Stored in device
256
256
Signature S
32
Stored in device
256
256
Public Key X(1)
32
Calculated from private key or stored
in device(1)
0
256
Public Key Y(1)
32
Calculated from private key or stored
in device(1)
0
256
N/A
0
Cert format
4
4
N/A
0
Template ID
4
4
N/A
0
Chain ID
4
4
N/A
0
Reserved/user defined
8
8
Total
(206 to 218
Bytes)
576 bits/(72
Bytes)
1088 bits/(136
Bytes)
Note: 
1.
For the device certificate the device public key can be regenerated from the private key. For the
signer certificate the Public Key would typically be stored in a separate slot.
2.
For the device, the ID of the signer used to sign the certificate. For the signer, the ID of the signer
certificate so that it can be identified by the device.
Slot 8 contains a total of 416 bytes. Depending on the size of the serial number stored in the cert, it may
or may not be possible to store two complete certificates. Often within devices where a chain of trust has
been created, the device certificate, the signer certificate and the signer public key must be stored within
the device.
For more information, see the Compressed Certificate Definition application note, which can be found at
http://ww1.microchip.com/downloads/en/AppNotes/Atmel-8974-CryptoAuth-ATECC-Compressed-
Certificate-Definition-ApplicationNote.pdf
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com