Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 59 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 59 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 55Page - Microchip Technology ATECC508A Datasheet HTML 56Page - Microchip Technology ATECC508A Datasheet HTML 57Page - Microchip Technology ATECC508A Datasheet HTML 58Page - Microchip Technology ATECC508A Datasheet HTML 59Page - Microchip Technology ATECC508A Datasheet HTML 60Page - Microchip Technology ATECC508A Datasheet HTML 61Page - Microchip Technology ATECC508A Datasheet HTML 62Page - Microchip Technology ATECC508A Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 109 page
background image
Table 9-7. Legal Block/Slot Values
Zone
Name
Legal
Block
Legal
Slot
Notes
Config
0–3
—
Addresses below 16 (Block 0, Offset 16) can never be written. Addresses from
84-87 cannot be written using the Write command. Both 4-byte and 32-byte
reads/writes are permitted.
OTP
0–1
—
When OTPmode is read-only, all offsets in both blocks are available to use
with 4 or 32 byte reads. If OTPmode is consumption, then writes are also
permitted to all offsets.
Data
0–1
0-7
All offsets in all slots available for both Read and Write. A 4-byte access is
permitted on a particular slot only if SlotConfig.IsSecret is zero.
0-12
8
0-2
9-15
In the following table, address is the value to be passed to the Read and/or Write commands as the
address parameter to access data in the specific blocks using a 32 byte Read or Write. Size is the
number of implemented EEPROM bytes within that particular block.
Note:  Slot 8 contains an additional nine blocks, each containing 32 bytes that are not included in
the table below.
To use a four byte Read or Write command to access the first word in a block, use the addresses shown
in the table below. Otherwise, the least significant three bits of the address field should include the word
address to be accessed. The 32 byte access is permitted in blocks that contain less than 32 implemented
memory bytes. The extra bytes will be returned as zero on a read and ignored on a Write.
Table 9-8. Data Zone Address Values
Block 0
Block 1
Block 2
Block 3
Slot
Address
Size
Address
Size
Address
Size
Address
Size
0
0x0000
32
0x0100
4
1
0x0008
32
0x0108
4
2
0x0010
32
0x0110
4
3
0x0018
32
0x0118
4
4
0x0020
32
0x0120
4
5
0x0028
32
0x0128
4
6
0x0030
32
0x0130
4
7
0x0038
32
0x0138
4
8
0x0040
32
0x0140
32
0x0240
32
0x0340
32
9
0x0048
32
0x0148
32
0x0248
8
10
0x0050
32
0x0150
32
0x0250
8
11
0x0058
32
0x0158
32
0x0258
8
12
0x0060
32
0x0160
32
0x0260
8
13
0x0068
32
0x0168
32
0x0268
8
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com