Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 11 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 11 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 7Page - Microchip Technology ATECC508A Datasheet HTML 8Page - Microchip Technology ATECC508A Datasheet HTML 9Page - Microchip Technology ATECC508A Datasheet HTML 10Page - Microchip Technology ATECC508A Datasheet HTML 11Page - Microchip Technology ATECC508A Datasheet HTML 12Page - Microchip Technology ATECC508A Datasheet HTML 13Page - Microchip Technology ATECC508A Datasheet HTML 14Page - Microchip Technology ATECC508A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
store an ECC public key or ECDSA certificate/signature. When a slot is used for a private or secret key,
the excess memory not required by the particular algorithm is generally unusable. The following table lists
the typical uses for each group of slots, along with any special characteristics of slots within that group.
Table 2-3. Data Zone
Slot Blocks(N
ote)
Bytes Bits Typical Use
Notes
0-7
2
36
288 Private or Secret
Key
Can also be used for data.
8
13
416
3328 Data
Reads and Writes can be configured to be restricted in the
same manner as all other slots. If this slot is used as a key,
then the remaining bytes not required for the secret or private
key storage will be ignored.
9-14
3
72
576 Public Key,
Signature or
Certificate
For curves supported by this device, these slots are large
enough to contain both the X and Y components of an
ECDSA public key or the R and S components of an ECDSA
signature.
15
3
72
576 Private Data,
Secret Key,
Signature, or
Certificate
This is the only slot that supports the 128 count limited use
feature (Section Limited Use Key (Slot 15 only)), If this feature
is not required, then it can otherwise be used for the same
purposes as slots 9 through 14.
Note:  The last block in some data slots contains fewer than 32 bytes.
Data slots which contain ECC public or private keys should be formatted according to Section ECC Key
Formatting. The device uses the KeyType and PubInfo fields of KeyConfig to determine what is stored in
a slot. Private keys can never be read from the device under any circumstances. ECC key slot contents
may not be usable by the ECC commands unless they are validated as follows:
•
ECC Private Keys:
Prior to the first PrivWrite or GenKey(Create) command execution on a slot, private keys are
invalid. The key may also be invalid if the PrivWrite command is started, but power is interrupted
prior to its completion.
•
ECC Public Keys:
The key must be validated using an input signature and the ECC Verify command if the PubInfo
bit of KeyConfig is one. If that bit is zero, then ECC usage does not depend on the key Verify
operation. These keys may be stored in slots 8 through 15 only. This feature is optional.
2.1.1
Certificate Storage
The amount of storage required for a full X.509 Certificate within the device can rapidly use up multiple
EEPROM memory slots. Depending on the actual application it may or may not be desirable to use these
slots for certificate storage. Due to these memory limitations, Microchip has defined an encoding that
allows for a full X.509 Certificate to be reconstructed from a minimal amount of information.
The host system would actually be responsible for reconstructing the full X.509 Certificate, but how to do
this will be determined by the data stored in the encoded certificate. Data that is common to all devices
for a given system can be readily stored in the host system. Other data can be readily calculated or
extracted from data that is already stored in the device. Table 2-4 indicates the type of data that is stored
in an X.509 Certificate and how it can be encoded to fit into a single 72 byte slot.
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com