Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 101 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 101 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 97Page - Microchip Technology ATECC508A Datasheet HTML 98Page - Microchip Technology ATECC508A Datasheet HTML 99Page - Microchip Technology ATECC508A Datasheet HTML 100Page - Microchip Technology ATECC508A Datasheet HTML 101Page - Microchip Technology ATECC508A Datasheet HTML 102Page - Microchip Technology ATECC508A Datasheet HTML 103Page - Microchip Technology ATECC508A Datasheet HTML 104Page - Microchip Technology ATECC508A Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 109 page
background image
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Optional Center Pad Length
Contact Pitch
Y2
X2
1.40
1.60
MILLIMETERS
0.50 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
0.85
0.30
NOM
1
2
8
C
Contact Pad Spacing
2.90
Contact Pad to Center Pad (X8)
G1
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2017 Microchip Technology Inc.
Microchip Technology Drawing C04-21355-Q4B Rev A
8-Lead Ultra Thin Plastic Dual Flat, No Lead Package (Q4B) - 2x3 mm Body [UDFN]
Atmel Legacy YNZ Package
X2
Y2
Y1
SILK SCREEN
X1
E
C
EV
G2
G1
ØV
Contact Pad to Contact Pad (X6)
G2
0.33
ATECC508A
Package Drawings
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com