Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 12Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 13Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 14Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 15Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 16Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 17Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 18Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 19Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 121 page
background image
16
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
USB-PD TX Driver Voltage Adjustment Parameter (continued)
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
(1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VTXP10
TX transmit peak voltage
1.045
1.1
1.155
V
VTXP11
TX transmit peak voltage
1.021
1.075
1.128
V
VTXP12
TX transmit peak voltage
0.998
1.05
1.102
V
VTXP13
TX transmit peak voltage
0.974
1.025
1.076
V
VTXP14
TX transmit peak voltage
0.95
1
1.05
V
VTXP15
TX transmit peak voltage
0.903
0.95
0.997
V
(1)
Maximum capacitance on VBUS when configured as a source must not exceed 12 µF.
(2)
Settings selected automatically by application code for the current limit needed in the application.
7.11 Port Power Switch Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
RPPCC
PP_CABLE to C_CCn power switch resistance
312
mΩ
RPP5V
PP_5V0 to VBUS power switch resistance
50
60
mΩ
RPPHV
PP_HV to VBUS power switch resistance
95
135
mΩ
IHVACT
Active quiescent current from PP_HV pin,
EN_HV = 1
1
mA
IHVSD
Shutdown quiescent current from PP_HV pin,
EN_HV = 0
100
μA
IHVEXTACT
Active quiescent current from SENSEP pin,
EN_HV = 1
Configured as source
1
mA
Active quiescent current from VBUS pin,
EN_HV = 1
Configured as sink
3.5
mA
IHVEXTSD
Shutdown quiescent current from SENSEP pin,
EN_HV = 0
40
μA
IPP5VACT
Active quiescent current from PP_5V0
1
mA
IPP5VSD
Shutdown quiescent current from PP_5V0
100
μA
ILIMHV(2)
PP_HV current limit, setting 0
1.007
1.118
1.330
A
PP_HV current limit, setting 1
1.258
1.398
1.638
A
PP_HV current limit, setting 2
1.51
1.678
1.945
A
PP_HV current limit, setting 3
1.761
1.957
2.153
A
PP_HV current limit, setting 4
2.013
2.237
2.46
A
PP_HV current limit, setting 5
2.265
2.516
2.768
A
PP_HV current limit, setting 6
2.516
2.796
3.076
A
PP_HV current limit, setting 7
2.768
3.076
3.383
A
PP_HV current limit, setting 8
3.02
3.355
3.691
A
PP_HV current limit, setting 9
3.271
3.635
3.998
A
PP_HV current limit, setting 10
3.523
3.914
4.306
A
PP_HV current limit, setting 11
3.775
4.194
4.613
A
PP_HV current limit, setting 12
4.026
4.474
4.921
A
PP_HV current limit, setting 13
4.278
4.753
5.228
A
PP_HV current limit, setting 14
4.529
5.033
5.536
A
PP_HV current limit, setting 15
5.033
5.592
6.151
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com