Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 86 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 82Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 83Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 84Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 85Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 86Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 87Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 88Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 89Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 121 page
background image
86
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Table 13. Dual-Port Notebook Application Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
DIRECTION OF CURRENT
PP_5V0 Input Voltage and Current
Capabilities
5 V, 3 A
Sourcing to VBUS
PP_CABLE Input Voltage and Current
Capabilities
5 V, 500 mA
Sourcing to VCONN
PP_HV Input Voltage and Current
Capabilities
10-13 V, 3 A
Sourcing to VBUS (directly from Battery)
EXT FET Path Voltage and Current
Capabilities
20 V, 3 A
Sourcing to VBUS or Sinking from VBUS
VIN_3V3 Voltage and Current Requirements
2.85-3.45 V, 50 mA
Internal TPS65982 Circuitry
10.2.2.1.1
Source Power Delivery Profiles for Type-C Ports
Table 14 lists the summary of the source PD profiles that are supported for this specific design. PDO 1 and 2 will
always be present in the system and will be able to be negotiated without any other system interaction. When DC
barrel Jack voltage is sensed PDO 3 will become available for power delivery negotiation. The external sense
resistor, RSENSE, is configured to only measure the current being sourced by the system. When operating as a
sink of power the input current cannot be measured in this configuration.
Table 14. Source USB PD Profiles
PDO
POD TYPE
VOLTAGE
CURRENT OR POWER
EXTERNALLY
DEPENDENT
PDO1
Fixed Supply
5 V
3 A
No
PDO2
Battery Power
10 V - 13 V
30 W
No
PDO3
Fixed Supply
20 V
3 A
Yes
10.2.2.1.2
Sink Power Delivery Profile for Type-C Ports
The two Type-C ports used in this design support Power Delivery and enable charging over a Type-C
connection. Table 15 shows the sink profile supported by both of the ports. The reverse current blocking of the
device allows both of the Type-C ports to negotiate a power contract, but it is good system practice for the
System Controller to change the sink profile when a power contract is established. When the DC barrel jack is
connected the TPS65982 is renegotiate the a PD contract to no longer charge of Type C and have the DC Barrel
Jack take precedence when connected.
Table 15. Sink USB PD Profile
RDO
RDO TYPE
VOLTAGE
EXTERNALLY
DEPENDENT
Fixed Supply
20 V
3 A
Yes
10.2.2.2 Detailed Design Procedure
The same passive components used in the Fully-Featured USB Type-C and PD Charger Application are also
applicable in this design to support all of the features of the TPS65982. Additional design information is provided
below to explain the connections between the TPS65982 and the system controller and the TPS65982 and the
HD3SS460 SuperSpeed multiplexer.
10.2.2.2.1
TPS65982 and System Controller Interaction
The TPS65982 features two I2C slave ports that can be used simultaneously, where the system controller has
the ability to write to either of the I2C slave ports. Each I2C port has an I2C interrupt that will inform the system
controller that a change has happened in the system. This allows the system controller to dynamically budget
power and reconfigures a port’s capabilities dependent on current state of the system. For example, if a battery
power contract is established and the system is running low on battery power the system controller could notify
the TPS65982 to re-negotiate a power contract. The system controller is also used for updating the TPS65982
firmware over I2C, where the Operating System loads the Firmware update to the system controller and then the
system controller updates the firmware stored in the SPI Flash memory via I2C writes to the TPS65982.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com