Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 60 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 56Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 57Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 58Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 59Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 60Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 61Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 62Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 63Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 121 page
background image
60
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
9.3.8 System Glue Logic
The system glue logic module performs various system interface functions such as control of the system
interface for RESETZ, MRESET, and VOUT_3V3. This module supports various hardware timers for digital
control of analog circuits.
9.3.9 Power Reset Congrol Module (PRCM)
The PRCM implements all clock management, reset control, and sleep mode control.
9.3.10 Interrupt Monitor
The Interrupt Control module handles all interrupt from the external GPIO as well as interrupts from internal
analog circuits.
9.3.11 ADC Sense
The ADC Sense module is a digital interface to the SAR ADC. The ADC converts various voltages and currents
from the analog circuits. The ADC converts up to 11 channels from analog levels to digital signals. The ADC can
be programmed to convert a single sampled value.
9.3.12 UART
Two digital UARTS are provided for serial communication. The inputs to the UART are selectable by a
programmable digital crossbar multiplexer. The UART may act as pass-through between the system and the
Type-C port or may filter through the digital core. The UART_RX/TX pins are typically used to daisy chain
multiple TPS65982s in series to share application code at startup.
9.3.13 I2C Slave
Two I2C interfaces provide interface to the digital core from the system. These interfaces are master/slave
configurable and support low-speed and full-speed signaling. See the I2C Slave Interface section for more
information.
9.3.14 SPI Master
The SPI master provides a serial interface to an external flash memory. The recommended memory is the
W25Q80DV 8 Mbit Serial Flash Memory. A memory of at least 2 Mbit is required when the TPS65982 is using
the memory in an unshared manner. A memory of at least 8 Mbit is required when the TPS65982 is using the
memory in an shared manner. See the SPI Master Interface section for more information.
9.3.15 Single-Wire Debugger Interface
The SWD interface provides a mechanism to directly master the digital core.
9.3.16 DisplayPort HPD Timers
To enable DisplayPort HPD signaling through PD messaging, two GPIO pins (GPIO4, GPIO5) are used as the
HPD input and output. When events occur on this pins during a DisplayPort connection through the Type-C
connector (configured in firmware), hardware timers trigger and interrupt the digital core to indicated needed PD
messaging. Table 5 shows each I/O function when GPIO4/5 are configured in HPD mode. When HPD is not
enabled via firmware, both GPIO4 and GPIO5 remain generic GPIO and may be programmed for other functions.
Figure 51 and Figure 52.
Table 5. HPD GPIO Configuration
HPD (Binary) Configuration
GPIO4
GPIO5
00
HPD TX
Generic GPIO
01
HPD RX
Generic GPIO
10
HPD TX
HPD RX
11
HPD TX/RX (bidirectional)
Generic GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com