Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 21Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 22Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 23Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 24Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 25Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 26Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 27Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 28Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 121 page
background image
25
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
I
2C Slave Characteristics (continued)
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TSTS
I2C start or repeated Start condition setup time
4.7
μs
TSTH
I2C Start or repeated Start condition hold time
4
μs
TSPS
I2C Stop condition setup time
4
μs
SDA and SCL FAST MODE CHARACTERISTICS
FSCL
I2C clock frequency
0
400
kHz
THIGH
I2C clock high time
0.6
μs
TLOW
I2C clock low time
1.3
μs
TSUDAT
I2C serial data setup time
100
ns
THDDAT
I2C serial data hold time
0
ns
TVDDAT
I2C valid data time
SCL low to SDA output valid
0.9
μs
TVDACK
I2C valid data time of ACK condition
ACK signal from SCL low to SDA
(out) low
0.9
μs
TOCF
I2C output fall time
10 pF to 400 pF bus, VDD = 3.3 V
12
250
ns
10 pF to 400 pF bus, VDD = 1.8 V
6.5
250
TBUF
I2C bus free time between stop and start
1.3
μs
TSTS
I2Cstart or repeated Start condition setup time
0.6
μs
TSTH
I2C Start or repeated Start condition hold time
0.6
μs
TSPS
I2C Stop condition setup time
0.6
μs
7.21 SPI Master Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FSPI
Frequency of SPI_CLK
11.82
12
12.18
MHz
TPER
Period of SPI_CLK (1/F_SPI)
82.1
83.33
84.6
ns
TWHI
SPI_CLK High Width
30
ns
TWLO
SPI_CLK Low Width
30
ns
TDACT
SPI_SZZ falling to SPI_CLK rising delay time
30
50
ns
TDINACT
SPI_CLK falling to SPI_SSZ rising delay time
160
180
ns
TDMOSI
SPI_CLK falling to SPI_MOSI Valid delay time
–5
5
ns
TSUMISO
SPI_MISO valid to SPI_CLK falling setup time
21
ns
THDMSIO
SPI_CLK falling to SPI_MISO invalid hold time
0
ns
TRSPI
SPI_SSZ/CLK/MOSI rise time
10% to 90%, CL = 5 pF to 50 pF,
LDO_3V3 = 3.3 V
0.1
8
ns
TFSPI
SPI_SSZ/CLK/MOSI fall time
90% to 10%, CL = 5 pF to 50 pF,
LDO_3V3 = 3.3 V
0.1
8
ns
7.22 BUSPOWERZ Configuration Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBPZ_EXT
BUSPOWERZ Voltage for receiving VBUS Power through the
PP_EXT path
0.8
V
VBPZ_HV
BUSPOWERZ Voltage for receiving VBUS Power through the
PP_HV path
0.8
2.4
V
VBPZ_DIS
BUSPOWERZ Voltage for disabling system power from VBUS
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com