Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 84 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 80Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 81Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 82Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 83Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 84Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 85Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 86Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 87Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 121 page
background image
DC Current (A)
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
0
100
200
300
400
500
600
700
800
900
1000
D012
84
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
10.2.1.3 Application Curve
Figure 78. PP_EXT Power Loss (RNFETS + RSENSE = 30 mΩ)
10.2.2 Dual-Port Notebook Application Supporting USB PD Charging and DisplayPort
The TPS65982 features support for DisplayPort over Type-C alternate mode and manages sinking and sourcing
of power in Power Delivery. The block diagram, shown in Figure 79, shows a two port system that is capable of
charging from either Type C port over PD, DisplayPort Alternate Mode, and delivering Battery Power to a bus-
powered device. With the DisplayPort support, the TPS65982 controls an external SuperSpeed multiplexer,
HD3SS460, to route the appropriate super-speed signals to the Type-C connector. The HD3SS460 is controlled
through GPIOs configured by the TPS65982 application code and the HD3SS460 is designed to meet the timing
requirements defined by the DisplayPort over Type-C specification. A system controller is also necessary to
handle some of the dynamic aspects of Power Delivery such as reducing power capabilities when system battery
power is low. Audio accessory device is supported by the design as well. Although USB_RP_P and USB_RP_N
are not shown in the block diagram, they must be connected to the system-side IC that will receive and send
USB2.0 high-speed data through the integrated multiplexer of the TPS65982.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com