Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 20Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 21Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 22Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 23Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 24Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 25Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 26Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 27Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 121 page
background image
24
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Input/Output (I/O) Characteristics (continued)
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UARTRX_VIH
High-level input voltage
LDO_3V3 = 3.3 V
2
V
VDDDIO = 1.8 V
1.25
UARTRX_VIL
Low-level input voltage
LDO_3V3 = 3.3 V
0.8
V
VDDIO = 1.8 V
0.63
UARTRX_HYS
Input hysteresis voltage
LDO_3V3 = 3.3 V
0.2
V
VDDIO = 1.8 V
0.09
UARTTX_VOH
GPIO output high voltage
IO = –2 mA, LDO_3V3 = 3.3 V
2.9
V
IO = –2 mA, VDDIO = 1.8 V
1.35
UARTTX_VOL
GPIO output low voltage
IO = 2 mA, LDO_3V3 = 3.3 V
0.4
V
IO = 2 mA, VDDIO = 1.8 V
0.45
UARTTX_RO
Output impedance, TX channel
LDO_3V3 = 3.3 V
35
70
115
Ω
UARTTX_TRTF
Rise and fall time, TX channel
10%–90%, CL = 20 pF
1
40
ns
UART_FMAX
Maximum UART baud rate
1.1
Mbps
I2C_IRQ1Z, I2C_IRQ2Z
OD_VOL
Low level output voltage
IOL = 2 mA
0.4
V
OD_LKG
Leakage current
Output is Hi-Z, VIN = 0 to LDO_3V3
–1
1
μA
SBU
SBU_VIH
High-level input voltage
LDO_3V3 = 3.3 V
2
V
SBU_VIL
Low-level input voltage
LDO_3V3 = 3.3 V
0.8
V
SBU_HYS
Input hysteresis voltage
LDO_3V3 = 3.3 V
0.2
V
7.20 I
2C Slave Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SDA and SCL COMMON CHARACTERISTICS
ILEAK
Input leakage current
Voltage on Pin = LDO_3V3
–3
3
μA
VOL
SDA output low voltage
IOL = 3mA, LDO_3V3 = 3.3 V
0.4
V
IOL = 3mA, VDDIO = 1.8 V
0.36
IOL
SDA max output low current
VOL = 0.4 V
3
mA
VOL = 0.6 V
6
VIL
Input low signal
LDO_3V3 = 3.3 V
0.99
V
VDDIO = 1.8 V
0.54
VIH
Input high signal
LDO_3V3 = 3.3 V
2.31
V
VDDIO = 1.8 V
1.26
VHYS
Input Hysteresis
LDO_3V3 = 3.3 V
0.17
V
VDDIO = 1.8 V
0.09
TSP
I2C pulse width suppressed
50
ns
CI
Pin Capacitance
10
pF
SDA and SCL STANDARD MODE CHARACTERISTICS
FSCL
I2C clock frequency
0
100
kHz
THIGH
I2C clock high time
4
μs
TLOW
I2C clock low time
4.7
μs
TSUDAT
I2C serial data setup time
250
ns
THDDAT
I2C serial data hold time
0
ns
TVDDAT
I2C Valid data time
SCL low to SDA output valid
3.4
μs
TVDACK
I2C Valid data time of ACK condition
ACK signal from SCL low to SDA
(out) low
3.4
μs
TOCF
I2C output fall time
10 pF to 400 pF bus
250
ns
TBUF
I2C bus free time between stop and start
4.7
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com