Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 22Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 23Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 24Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 25Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 26Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 27Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 28Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 29Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 121 page
background image
26
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
7.23 Thermal Shutdown Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TSD_MAIN
Thermal shutdown temperature of the main thermal shutdown Temperature rising
145
160
175
°C
TSDH_MAIN
Thermal shutdown hysteresis of the main thermal shutdown
Temperature falling
20
°C
TSD_PWR
Thermal shutdown temperature of the power path block
Temperature rising
135
150
165
°C
TSDH_PWR
Thermal shutdown hysteresis of the power path block
Temperature falling
37
°C
TSD_DG
Programmable thermal shutdown detection deglitch time
0.1
ms
7.24 Oscillator Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FOSC_48M
48-MHz oscillator
47.28
48
48.72
MHz
FOSC_100K
100-kHz oscillator
95
100
105
kHz
RR_OSC
External oscillator set resistance (0.2%)
14.98
5
15
15.01
5
kΩ
7.25 Single-Wire Debugger (SWD) Timing Requirements
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
MIN
NOM
MAX
UNIT
FSWD
Frequency of SWD_CLK
10
MHz
TPER
Period of SWD_CLK (1 / FSWD)
100
ns
TWHI
SWD_CLK high width
35
ns
TWLO
SWD_CLK low width
35
ns
TDOUT
SWD_CLK rising to SWD_DATA valid delay time
2
25
ns
TSUIN
SWD_DATA valid to SWD_CLK rising setup time
9
ns
THDIN
SWD_DATA hold time from SWD_CLK rising
3
ns
TRSWD
SWD output rise time
10% to 90%, CL = 5 pF to 50 pF,
LDO_3V3 = 3.3 V
0.1
8
ns
TFSWD
SWD output fall time
90% to 10%, CL = 5 pF to 50 pF,
LDO_3V3 = 3.3 V
0.1
8
ns
7.26 HPD Timing Requirements
Recommended operating conditions; TA = -10 to 85°C unless otherwise noted
PARAMETER
MIN
NOM
MAX
UNIT
DP SOURCE SIDE (HPD TX)
T_IRQ_MIN
HPD IRQ minimum assert time
675
750
825
μs
T_3MS_MIN
HPD assert 3 ms minimum time
3
3.33
3.67
ms
DP SINK SIDE (HPD RX)
T_HPD_HDB HPD high debounce time
HPD_HDB_SEL = 0
300
375
450
μs
HPD_HDB_SEL = 1
100
111
122
ms
T_HPD_LDB
HPD low debounce time
300
375
450
μs
T_HPD_IRQ
HPD IRQ limit time
1.35
1.5
1.65
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com