Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 69 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 65Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 66Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 67Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 68Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 69Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 70Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 71Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 72Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 121 page
background image
69
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
9.3.19 Thermal Shutdown
The TPS65982 has both a central thermal shutdown to the chip and a local thermal shutdown for the power path
block. The central thermal shutdown monitors the temperature of the center of the die and disables all functions
except for supervisory circuitry and halts digital core when die temperature goes above a rising temperature of
TSD_MAIN. The temperature shutdown has a hysteresis of TSDH_MAIN and when the temperature falls back
below this value, the device resumes normal operation. The power path block has an local thermal shutdown
circuit to detect an overtemperature condition because of overcurrent and quickly turn off the power switches.
The power path thermal shutdown values are TSD_PWR and TSDH_PWR. The output of the thermal shutdown
circuit is deglitched by TSD_DG before triggering. The thermal shutdown circuits interrupt to the digital core.
9.3.20 Oscillators
The TPS65982 has two independent oscillators for generating internal clock domains. A 48-MHz oscillator
generates clocks for the core during normal operation and clocks for the USB 2.0 endpoint physical layer. An
external resistance is placed on the R_OSC pin to set the oscillator accuracy. A 100-kHz oscillator generates
clocks for various timers and clocking the core during low-power states.
9.4 Device Functional Modes
9.4.1 Boot Code
The TPS65982 has a Power-on-Reset (POR) circuit that monitors LDO_3V3 and issues an internal reset signal.
The digital core, memory banks, and peripherals receive clock and RESET interrupt is issued to the digital core
and the boot code starts executing. Figure 63 provides the TPS65982 boot code sequence.
The TPS65982 boot code is loaded from OTP on POR, and begins initializing TPS65982 settings. This
initialization includes enabling and resetting internal registers, loading trim values, waiting for the trim values to
settle, and configuring the device I2C addresses.
The unique I2C address is based on the customer programmable OTP, DEBUG_CTLX pins, and resistor
configuration on the I2C_ADDR pin.
Once initial device configuration is complete the boot code determines if the TPS65982 is booting under dead
battery condition (VIN_3V3 invalid, VBUS valid). If the boot code determines the TPS65982 is booting under
dead battery condition, the BUSPOWERZ pin is sampled to determine the appropriate path for routing VBUS
power to the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com