Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 78 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 74Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 75Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 76Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 77Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 78Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 79Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 80Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 81Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 121 page
background image
S
Start
Condition
1
2
8
9
Ack
Nack
Clock Pulse for
Acknowledgement
Data Output
by Transmitter
Data Output
by Receiver
SCL From
Master
Data Line
Change
SDA
SCL
78
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Programming (continued)
(1)
I2C Port 1 ignores the hardware setting of the DEBUG_CTL1 and DEBUG_CTL2 pins and automatically sets these bits to 1 in Bit 4 and
Bit 5 of the address
Figure 71. I2C Bit Transfer
Figure 72. I2C Acknowledgment
9.5.2.2 I2C Clock Stretching
The TPS65982 features clock stretching for the I2C protocol. The TPS65982 slave I2C port may hold the clock
line (SCL) low after receiving (or sending) a byte, indicating that it is not yet ready to process more data. The
master communicating with the slave must not finish the transmission of the current bit and must wait until the
clock line actually goes high. When the slave is clock stretching, the clock line will remain low.
The master must wait until it observes the clock line transitioning high plus an additional minimum time (4 μs for
standard 100 kbps I2C) before pulling the clock low again.
Any clock pulse may be stretched but typically it is the interval before or after the acknowledgment bit.
9.5.2.3 I2C Address Setting
The boot code sets the hardware configurable unique I2C address of the TPS65982 before the port is enabled to
respond to I2C transactions. The unique I2C address is determined by a combination of the digital level on the
DEBUG_CTL1/DEBUG_CTL2 pins (two bits) and the analog level set by the analog I2C_ADDR strap pin (three
bits) as shown in Table 9.
Table 9. I2C Default Unique Address
Default I2C Unique Address for Each Port
Port Number
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2C Port 1(1)
0
1
1
1
I2C_ADDR_DECODE[2:0]
R/W
I2C Port 2
0
1
DEBUG_CTL2
DEBUG_CTL1
I2C_ADDR_DECODE[2:0]
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com