Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 16Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 17Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 18Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 19Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 20Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 21Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 22Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 23Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 121 page
background image
20
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Port Data Multiplexer Switching Characteristics (continued)
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
The UART switch path connects from the UART buffers to the port pins. See Input/Output (I/O) Characteristics for buffer specifications.
(3)
See Port Data Multiplexer USB Endpoint Characteristics for the USB_EP specifications.
LSX_R2P/P2R MULTIPLEXER PATH (1)
LSX_RON
On resistance of LSX_P2R/R2P to C_SBU1/2
Vi = 3.3 V, IO = 20 mA
8.5
17
Ω
Vi = 1 V, IO = 20 mA
5.5
11
LSX_ROND
On resistance difference between P and N paths of LSX
path
Vi = 1 V to 3.3 V, IO = 20 mA
–0.3
0.3
Ω
LSX_TON
Switch on time from enable of LSX path
Time from enable bit with charge
pump off
150
μs
Time from enable bit at charge
pump steady state
10
LSX_TOFF
Switch off time from disable of LSX path
Time from disable bit at charge
pump steady state
500
ns
LSX_BW
3dB bandwidth of LSX path
CL = 10 pF
200
MHz
AUX MULTIPLEXER PATH (1)
AUX_RON
On resistance of AUX_P/N to C_SBU1/2
Vi = 3.3 V, IO = 20 mA
3.5
7
Ω
Vi = 1 V, IO = 20 mA
2.5
5
AUX_ROND
On resistance difference between P and N paths of
AUX_P/N to C_SBU1/2
Vi = 1 V to 3.3 V, IO = 20 mA
–0.25
0.25
Ω
AUX_TON
Switch on time from enable of AUX_P/N to C_SBU1/2
Time from enable bit with charge
pump off
150
μs
Time from enable bit at charge
pump steady state
15
AUX_TOFF
Switch off time from disable of AUX_P/N to C_SBU1/2
Time from disable bit at charge
pump steady state
500
ns
AUX_BW
3dB bandwidth of AUX_P/N to C_SBU1/2 path
CL = 10 pF
200
MHz
UART MULTIPLEXER PATH (2nd STAGE ONLY)(1)(2)
UART_RON
On resistance of UART buffers to C_USB_TP/TN/BP/BN or
C_SBU1/2
Vi = 3.3 V, IO = 20 mA
3.1
12
Ω
UART_TON
Switch on time from enable of UART buffer
C_USB_TP/TN/BP/BN or C_SBU1/2 path
Time from enable bit with charge
pump off
150
µs
Time from enable bit at charge
pump steady state
10
UART_TOFF
Switch off time from disable of UART buffer path
Time from disable bit at charge
pump steady state
500
ns
UART_BW
3dB bandwidth of UART buffer path
CL = 10 pF
200
MHz
USB_RP MULTIPLEXER PATH (1)(3)
USB_RON
On resistance of USB_RP to C_USB_TP/TN/BP/BN
Vi = 3 V, IO = 20 mA
4.5
10
Ω
Vi = 400 mV, IO = 20 mA
3
7
USB_ROND
On resistance difference between P and N paths of
USB_RP to C_USB_TP/TN/BP/BN
Vi = 0.4 V to 3 V, IO = 20 mA
–0.15
0.15
Ω
USB_TON
Switch on time from enable of USB USB_RP path
Time from enable bit with charge
pump off
150
µs
Time from enable bit at charge
pump steady state
15
USB_TOFF
Switch off time from disable of USB_RP path
Time from disable bit at charge
pump steady state
500
ns
USB_BW
3dB bandwidth of USB_RP path
CL = 10 pF
850
MHz
USB_ISO
Off Isolation of USB_RP path
RL = 50 Ω, VI = 800 mV, f = 240
MHz
–19
dB
USB_XTLK
Channel to Channel crosstalk of USB_RP path
RL = 50 Ω, f = 240 MHz
–26
dB
C_SBU1/2 OUTPUT
R_SBU_OPEN
Resistance of the open C_SBU1/2 paths
Vi = 0 V to LDO_3V3
1
MΩ
R_USB_OPEN
Resistance of the open C_USB_T/B/P/N paths
Vi = 0 V to LDO_3V3
1
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com