Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 56 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 52Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 53Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 54Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 55Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 56Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 57Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 58Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 59Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 121 page
background image
Serial
Interface
Engine
Transceiver
LDO_3V3
RPU_EP
EP_TX_DP
1st Stage Mux
USB_RP
1st Stage Mux
USB_RP
C_USB_TP
C_USB_TN
C_USB_BP
C_USB_BN
USB_EP
USB_EP
EP_TX_DN
EP_RX_DP
EP_RX_RCV
EP_RX_DN
2nd Stage
Mux
2nd Stage
Mux
RS_EP
RS_EP
EP0 (
)
EP1
TX/RX
FIFO
To Digital
Core
32
RX/TX
Status
Control
Digital Core
Interrupts
and Control
VREF
2nd Stage Mux Input
56
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 46. Port Mux Clamp
9.3.4.7 USB2.0 Low-Speed Endpoint
The USB low-speed Endpoint is a USB 2.0 low-speed (1.5 Mbps) interface used to support HID class based
accesses. The TPS65982 supports control of endpoint EP0. This endpoint enumerates to a USB 2.0 bus to
provide USB-Billboard information to a host system as defined in the USB Type-C standard. EP0 is used for
advertising the Billboard Class. When a host is connected to a device that provides Alternate Modes which
cannot be supported by the host, the Billboard class allows a means for the host to report back to the user
without any silent failures.
Figure 47 shows the USB Endpoint physical layer. The physical layer consists of the analog transceiver, the
Serial Interface Engine, and the Endpoint FIFOs and supports low speed operation.
Figure 47. USB Endpoint Phy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com