Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 79 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 75Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 76Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 77Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 78Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 79Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 80Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 81Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 82Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 121 page
background image
P
S
Slave Address
Wr
Data Byte
A
A
1
7
1
8
1
1
x
x
1
S
Start Condition
SR
Repeated Start Condition
Rd
Read (bit value of 1)
Wr
Write (bit value of 0)
x
Field is required to have the value x
A
Acknowledge (this bit position may be 0 for an ACK or
1 for a NACK)
P
Stop Condition
Master-to-Slave
Slave-to-Master
Continuation of protocol
A
Sr
Unique Address
Rd
Byte Count = N
A
1
7
1
8
1
1
S
Unique Address
Wr
Register Number
A
1
7
1
8
1
1
A
P
1
A
1
Data Byte N
8
1
A
Data Byte 1
8
1
A
Data Byte 2
8
P
S
Unique Address
Wr
Register Number
Byte Count = N
Data Byte 1
A
A
A
A
1
7
1
8
8
8
1
1
1
1
Data Byte 2
A
8
1
Data Byte N
A
8
1
79
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
9.5.2.4 Unique Address Interface
The Unique Address Interface allows for complex interaction between an I2C master and a single TPS65982.
The I2C Slave sub-address is used to receive or respond to Host Interface protocol commands. Figure 73 and
Figure 74 show the write and read protocol for the I2C slave interface, and a key is included in Figure 75 to
explain the terminology used. The key to the protocol diagrams is in the SMBus Specification and is repeated
here in part.
Figure 73. I2C Unique Address Write Register Protocol
Figure 74. I2C Unique Address Read Register Protocol
Figure 75. I2C Read/Write Protocol Key
9.5.2.5 I2C Pin Address Setting
To enable the setting of multiple I2C addresses using a single TPS65982 pin, a resistance is placed externally on
the I2C_ADDR pin. The internal ADC then decodes the address from this resistance value. Figure 76 shows the
decoding. DEBUG_CTL1/2 are checked at the same time for the DC condition on this pin (high or low) for setting
other bits of the address described previously. Note, DEBUG_CTL1/2 are GPIO and the address decoding is
done by firmware in the digital core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com