Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 38 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 34Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 35Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 36Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 37Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 38Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 39Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 40Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 41Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 121 page
background image
C_CCn
R_RPD
RD_DB
RPD_Gn
RD_CC
RD_DB_EN
RD_CC_EN
38
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
This resistance must be pin-strapped externally to configure the C_CCn pin to behave in one of two ways:
present an Rd pulldown resistance or present a Hi-Z when the TPS65982 is unpowered. During normal
operation, RD will be RD_CC; however, while dead-battery or no-battery conditions exist, the resistance is un-
trimmed and will be RD_DB. When RD_DB is presented during dead-battery or no-battery, application code will
switch to RD_CC.
Figure 19. C_CCn and RPD_Gn pins
When C_CC1 is shorted to RPD_G1 and C_CC2 is shorted to RPD_G2 in an application of the TPS65982,
booting from dead-battery or no-battery conditions will be supported. In this case, the gate driver for the pulldown
FET is Hi-Z at its output. When an external connection pulls up on C_CCn (the case when connected to a DFP
advertising with a pullup resistance Rp or pullup current), the connection through R_RPD will pull up on the FET
gate turning on the pulldown through RD_DB. In this condition, the C_CCn pin will act as a clamp VTH_DB in
series with the resistance RD_DB.
When RPD_G1 and RPD_G2 are shorted to GND in an application and not electrically connected to C_C1 and
C_CC2, booting from dead-battery or no-battery conditions is not possible. In this case, the TPS65982 will
present a Hi-Z on the C_CC1 and C_CC2 pins and a USB Type-C source will never provide a voltage on VBUS.
9.3.3 Port Power Switches
Figure 20 shows the TPS65982 port power path including all internal and external paths. The port power path
provides to VBUS from PP_5V0, provides power to or from VBUS from or to PP_HV, provides power to or from
an external port power node (shown and refered to as PP_EXT) from or to VBUS, and provides power from
PP_CABLE to C_CC1 or C_CC2. The PP_CABLE to C_CCn switches shown in Figure 20 are the same as in
Figure 10, but are now shown without the analog USB Type-C cable plug and orientation detection circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com