Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 4 Page - Texas Instruments

  TPS65982ABZBHR Datasheet HTML 1Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 2Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 3Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 4Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 5Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 6Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 7Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 8Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 121 page
background image
4
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
5 Description (continued)
The port power switch provides up to 3 A downstream at 5 V for legacy and Type-C USB power. An additional
bidirectional switch path provides USB PD power up to 3 A at a maximum of 20 V as either a source (host), sink
(device), or source-sink.
The TPS65982 is also an upstream-facing port (UFP), downstream-facing port (DFP), or dual-role port for data.
The port data multiplexer passes data to or from the top or bottom D+/D– signal pair at the port for USB 2.0 HS;
additionally, the Sideband-Use (SBU) signal pair is used for Alternate Modes. The power management circuitry
supports dead battery or no-battery operation using VBUS as a primary power supply when 3.3 V is not
available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com