Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 72 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 68Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 69Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 70Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 71Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 72Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 73Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 74Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 75Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 121 page
background image
VIN_3V3 Valid
Check
BUSPOWERZ
VBUS Present
Configure for
VBUS Power
Check
BUSPOWERZ
Enable PP_HV as
SINK
Enable PP_EXT as
SINK
No
≤2.4 V
Yes
Load App Code
No
Yes
>2.4 V
I C Initiated
2
≤0.8 V
> 0.8 V
72
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 65. Dead-Battery Condition Flow Diagram
9.4.5 Application Code
The TPS65982 application code is stored in an external flash memory. The flash memory used for storing the
TPS65982 application code may be shared with other devices in the system. The flash memory organization
shown in Figure 66 supports the sharing of the flash as well as the TPS65982 using the flash without sharing.
The flash is divided into two separate regions, the Low Region and the High Region. The size of this region is
flexible and only depends on the size of the flash memory used. The two regions are used to allow updating the
application code in the memory without over-writing the previous code. This ensures that the new updated code
is valid before switching to the new code. For example, if a power loss occurred while writing new code, the
original code is still in place and used at the next boot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com