Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 15Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 16Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 17Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 18Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 19Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 20Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 21Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 22Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 121 page
background image
19
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
(1)
All RON specified maximums are the maximum of either of the switches in a pair. All ROND specified maximums are the maximum
difference between the two switches in a pair. ROND does not add to RON.
7.12 Port Data Multiplexer Switching Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SWD MULTIPLEXER PATH(1)
SWD_RON_U
On resistance of SWD_DATA/CLK to
C_USB_TP/TN/BP/BN
Vi = 3.3 V, IO = 20 mA
35
55
Ω
Vi = 1 V, IO = 20 mA
30
46
SWD_ROND_U
On resistance difference between P and N paths of
SWD_DATA/CLK to C_USB_ TP/TN/BP/BN
Vi = 1 V to 3.3 V, IO = 20 mA
–2.5
2.5
Ω
SWD_RON_S
On resistance of SWD_DATA/CLK to C_SBU1/2
Vi = 3.3 V, IO = 20 mA
26
42
Ω
Vi = = 1 V, IO = 20 mA
24
37
SWD_ROND_S
On resistance difference between P and N paths of
SWD_DATA/CLK to C_SBU1/2
Vi = 1V to 3.3 V, IO = 20 mA
–1.5
1.5
Ω
SWD_TON
Switch on time from enable of SWD path
Time from enable bit with charge
pump off
150
μs
Time from enable bit at charge
pump steady state
10
SWD_TOFF
Switch off time from disable of SWD path
Time from disable bit at charge
pump steady state
500
ns
SWD_BW
3 dB bandwidth of SWD path
CL = 10 pF
200
MHz
DEBUG1/2 MULTIPLEXER PATH(1)
DB1_RON_U
On resistance DEBUG1/2 to C_USB_TP/TN/BP/BN
Vi = 3.3 V, IO = 20 mA
14
26
Ω
Vi = 1 V, IO = 20 mA
10
17
DB1_ROND_U
On resistance difference between P and N paths of
DEBUG1/2 to C_USB_TP/TN/BP/BN
Vi = 1 V to 3.3 V, IO = 20 mA
–2.5
2.5
Ω
DB1_RON_S
On resistance of DEBUG1/2 to C_SBU1/2
Vi = 3.3 V, IO = 20 mA
9.5
17
Ω
Vi = 1 V, IO = 20 mA
6.5
12
DB1_ROND_S
On resistance difference between P and N paths of Debug
path DEBUG1/2 to C_SBU1/2
Vi = 1 V to 3.3 V, IO = 20 mA
–0.5
0.5
Ω
DB1_TON
Switch on time from enable of DEBUG path
Time from enable bit with charge
pump off
150
μs
Time from enable bit at charge
pump steady state
10
DB1_TOFF
Switch off time from disable of DEBUG path
Time from disable bit at charge
pump steady state
500
ns
DB1_BW
3dB bandwidth of DEBUG path
CL = 10 pF
200
MHz
DEBUG3/4 MULTIPLEXER PATH(1)
DB3_RON_U
On resistance of DEBUG3/4 to C_USB_TP/TN/BP/BN
Vi = 3.3 V, IO = 20 mA
14
24
Ω
Vi = 1 V, IO = 20 mA
9
17
DB3_ROND_U
On resistance difference between P and N paths of
DEBUG3/4 to C_USB_ TP/TN/BP/BN
Vi = 1 V to 3.3V, IO = 20 mA
–1.5
1.5
Ω
DB3_RON_S
On resistance of DEBUG3/4 to C_SBU1/2
Vi = 3.3 V, IO = 20 mA
9.5
18
Ω
Vi = 1 V, IO = 20 mA
6.5
12
DB3_ROND_S
On resistance difference between P and N paths of
DEBUG3/4 to C_SBU1/2
Vi = 1 V to 3.3 V, IO = 20 mA
–0.15
0.15
Ω
DB3_TON
Switch on time from enable of DEBUG3/4 path
Time from enable bit with charge
pump off
150
μs
Time from enable bit at charge
pump steady state
10
DB3_TOFF
Switch off time from disable of DEBUG3/4 path
Time from disable bit at charge
pump steady state
500
ns
DB3_BW
3dB bandwidth of DEBUG3/4 path
CL = 10 pF
200
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com