Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 58 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 54Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 55Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 56Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 57Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 58Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 59Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 60Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 61Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 121 page
background image
LDO
LDO_1V8D
EN
LDO_3V3_VB_EN
LDO
VREF
S2
S1
Digitally
adjustable
trip Point
VREF
EN
LDO_1V8D_EN
LDO
VREF
LDO_1V8A
VBUS
EN
LDO_1V8A_EN
VREF
VIN_3V3
VOUT_3V3
LDO_3V3
To Digital Core
58
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
9.3.5 Power Management
The TPS65982 Power Management block receives power and generates voltages to provide power to the
TPS65982 internal circuitry. These generated power rails are LDO_3V3, LDO_1V8A, and LDO_1V8D. LDO_3V3
is also a low power output to load flash memory. VOUT_3V3 is a low power output that does not power internal
circuitry that is controlled by application code and can be used to power other ICs in some applications. The
power supply path is shown in Figure 49.
Figure 49. Power Supply Path
The TPS65982 is powered from either VIN_3V3 or VBUS. The normal power supply input is VIN_3V3. In this
mode, current flows from VIN_3V3 to LDO_3V3 to power the core 3.3 V circuitry and the 3.3 V I/Os. A second
LDO steps the voltage down from LDO_3V3 to LDO_1V8D and LDO_1V8A to power the 1.8 V core digital
circuitry and 1.8 V analog circuits. When VIN_3V3 power is unavailable and power is available on the VBUS, the
TPS65982 will be powered from VBUS. In this mode, the voltage on VBUS is stepped down through an LDO to
LDO_3V3. Switch S1 in Figure 49 is unidirectional and no current will flow from LDO_3V3 to VIN_3V3 or
VOUT_3V3. When VIN_3V3 is unavailable, this is an indicator that there is a dead-battery or no-battery
condition.
9.3.5.1 Power-On and Supervisory Functions
A power-on-reset (POR) circuit monitors each supply. This POR allows active circuitry to turn on only when a
good supply is present. In addition to the POR and supervisory circuits for the internal supplies, a separate
programmable voltage supervisor monitors the VOUT_3V3 voltage.
9.3.5.2 Supply Switch-Over
VIN_3V3 takes precedence over VBUS, meaning that when both supply voltages are present the TPS65982 will
power from VIN_3V3. Refer to The Figure 49 for a diagram showing the power supply path block. There are two
cases in with a power supply switch-over will occur. The first is when VBUS is present first and then VIN_3V3
becomes available. In this case, the supply will automatically switch-over to VIN_3V3 and brown-out prevention
is verified by design. The other way a supply switch-over will occur is when both supplies are present and
VIN_3V3 is removed and falls below 2.85 V. In this case, a hard reset of the TPS65982 occurs prompting a re-
boot.
9.3.5.3 RESETZ and MRESET
The VIN_3V3 voltage is connected to the VOUT_3V3 output by a single FET switch (S2 in Figure 49).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com