Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 70 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 66Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 67Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 68Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 69Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 70Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 71Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 72Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 73Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 121 page
background image
VIN_3V3 or VBUS
Application
Initialize
Configure I C
2
Dead Battery
Check
Load Appcode
Load from SPI
Flash
Download from
UART
SPI_MISO High
SPI_MISO Low
70
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 63. Flow Diagram for Boot Code Sequence
9.4.2 Initialization
During initialization the TPS65982 enables device internal hardware and loads default configurations. The 48-
MHz clock is enabled and the TPS65982 persistence counters begin monitoring VBUS and VIN_3V3. These
counters ensure the supply powering the TPS65982 is stable before continuing the initialization process. The
initialization concludes by enabling the thermal monitoring blocks and thermal shutdown protection, along with
the ADC, CRC, GPIO and NVIC blocks.
9.4.3 I2C Configuration
The TPS65982 features dual I2C busses with configurable addresses. The I2C addresses are determined
according to the flow depicted in Figure 64. The address is configured by reading device GPIO states at boot
(refer to the I2C Pin Address Setting section for details). Once the I2C addresses are established the TPS65982
enables a limited host interface to allow for communication with the device during the boot process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com