Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 77 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 73Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 74Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 75Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 76Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 77Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 78Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 79Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 80Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 121 page
background image
P
S
Start Condition
Stop Condition
SDA
SCL
77
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Programming (continued)
9.5.2 I2C Slave Interface
The TPS65982 has three I2C interface ports. I2C Port 1 is comprised of the I2C_SDA1, I2C_SCL1, and
I2C_IRQ1Z pins. I2C Port 2 is comprised of the I2C_SDA2, I2C_SCL2, and I2C_IRQ2Z pins. These interfaces
provide general status information about the TPS65982, as well as the ability to control the TPS65982 behavior,
as well as providing information about connections detected at the USB-C receptacle and supporting
communications to and from a connected device, cable supporting BMC USB-PD, or both. The third port is
comprised of the DEBUG_CTL1 and DEBUG_CTL2 pins. This third port is a firmware emulated I2C master. The
pins are generic GPIO and do not contain any dedicated hardware for I2C such as detecting starts, stops, acks,
or other protocol normally associated with I2C. This third port is always a master and has no interrupt. This port is
intended to master another device that has simple control based on mode and multiplexer orientation.
DEBUG_CTL1 is the serial clock and DEBUG_CTL2 is serial data.
The first two ports can be a master or a slave, but the default behavior is to be a slave. Port 1 and Port 2 are
interchangeable. Each port operates the same way and has the same access in and out of the core. An interrupt
mask is set for each that determines what events are interrupted on that given port.
9.5.2.1 I2C Interface Description
The TPS65982 support Standard and Fast mode I2C interface. The bidirectional I2C bus consists of the serial
clock (SCL) and serial data (SDA) lines. Both lines must be connected to a supply through a pullup resistor. Data
transfer may be initiated only when the bus is not busy.
A master sending a Start condition, a high-to-low transition on the SDA input/output, while the SCL input is high
initiates I2C communication. After the Start condition, the device address byte is sent, most significant bit (MSB)
first, including the data direction bit (R/W).
After receiving the valid address byte, this device responds with an acknowledge (ACK), a low on the SDA
input/output during the high of the ACK-related clock pulse. On the I2C bus, only one data bit is transferred
during each clock pulse. The data on the SDA line must remain stable during the high pulse of the clock period
as changes in the data line at this time are interpreted as control commands (Start or Stop). The master sends a
Stop condition, a low-to-high transition on the SDA input/output while the SCL input is high.
Any number of data bytes can be transferred from the transmitter to receiver between the Start and the Stop
conditions. Each byte of eight bits is followed by one ACK bit. The transmitter must release the SDA line before
the receiver can send an ACK bit. The device that acknowledges must pull down the SDA line during the ACK
clock pulse, so that the SDA line is stable low during the high pulse of the ACK-related clock period. When a
slave receiver is addressed, it must generate an ACK after each byte is received. Similarly, the master must
generate an ACK after each byte that it receives from the slave transmitter. Setup and hold times must be met to
ensure proper operation
A master receiver signals an end of data to the slave transmitter by not generating an acknowledge (NACK) after
the last byte has been clocked out of the slave. The master receiver holding the SDA line high does this. In this
event, the transmitter must release the data line to enable the master to generate a Stop condition.
Figure 70 shows the start and stop conditions of the transfer. Figure 71 shows the SDA and SCL signals for
transferring a bit. Figure 72 shows a data transfer sequence with the ACK or NACK at the last clock pulse.
Figure 70. I2C Definition of Start and Stop Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com