Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 55 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 51Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 52Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 53Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 54Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 55Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 56Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 57Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 58Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 121 page
background image
RP5
RP100
LDO_3V3
RP100
RP5
LDO_3V3
RP5
RP100
LDO_3V3
RP100
RP5
LDO_3V3
To Digital Core
To Digital Core
1st Stage
Mux
2nd Stage
Mux
RPD1
RPD1
55
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
9.3.4.5 Signal Monitoring and Pullup/Pulldown
The TPS65982 has comparators that may be enabled to interrupt the core when a switching event occurs on any
of the port inputs. The input parameters for the detection are listed in the Port Data Multiplexer Signal Monitoring
Pullup and Pulldown Characteristics table. These comparators are disconnected by application code when these
pins are not digital signals but an analog voltage.
The TPS65982 has pullups and pulldowns between the first and second stage multiplexers of the port switch for
each port output: C_SBU1/2, C_USB_TP/N, C_USB_BP/N. The configurable pullup and pulldown resistances
between each multiplexer are shown in Figure 45.
Figure 45. Port Detect and Pullup/Pulldown
9.3.4.6 Port Multiplexer Clamp
Each input to the 2nd stage multiplexer is clamped to prevent voltages on the port from exceeding the safe
operating voltage of circuits attached to the system side of the Port Data Multiplexer. Figure 46 shows the
simplified clamping circuit. When a path through the 2nd stage multiplexer is closed, the clamp is connected to
the one of the port pins (C_USB_TP/N, C_USB_BP/N, C_SBU1/2). When a path through the 2nd stage
multiplexer is not closed, then the port pin is not clamped. As the pin voltage rises above the VCLMP_IND
voltage, the clamping circuit activates, and sinks current to ground, preventing the voltage from rising further.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com