Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 76 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 72Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 73Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 74Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 75Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 76Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 77Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 78Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 79Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 121 page
background image
Send “Request
Data” Packet
Boot Fail
Receive “Send
Data” Packet &
Save Data
Receive “Send
CRC” packet
Saved Data
valid
Run App Code
Block map
complete
Send “Send Data”
packet
Send “Send CRC”
Packet
Receive “Request
Data” Packet
No
Yes
Yes
No
Primary
Secondary
SPI_MISO
Low
App Code Loaded
76
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 69. UART Download Process
9.5 Programming
9.5.1 SPI Master Interface
The TPS65982 loads flash memory during the Boot Code sequence. The SPI master electrical characteristics
are defined in SPI Master Characteristics and timing characteristics are defined in Figure 8. The TPS65982 is
designed to power the flash from LDO_3V3 to support dead-battery or no-battery conditions, and therefore pullup
resistors used for the flash memory must be tied to LDO_3V3. The flash memory IC must support 12 MHz SPI
clock frequency. The size of the flash must be at least 1 Mbyte (equivalent to 8 Mbit) to hold the standard
application code outlined in Application Code. The SPI master of the TPS65982 supports SPI Mode 0. For Mode
0, data delay is defined such that data is output on the same cycle as chip select (SPI_SSZ pin) becomes active.
The chip select polarity is active-low. The clock phase is defined such that data (on the SPI_MISO and
SPI_MOSI pins) is shifted out on the falling edge of the clock (SPI_CLK pin) and data is sampled on the rising
edge of the clock. The clock polarity for chip select is defined such that when data is not being transferred the
SPI_CLK pin is held (or idling) low. The minimum erasable sector size of the flash must be 4 kB. The W25Q80
flash memory IC is recommended. Refer to TPS65982 I2C Host Interface Specification for instructions for
interacting with the attached flash memory over SPI using the host interface of the TPS65982.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com