Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 96 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 92Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 93Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 94Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 95Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 96Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 97Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 98Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 99Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 121 page
background image
96
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Layout Guidelines (continued)
12.1.4 Oval Pad Footprint Layout and Placement
The oval pad footprint layout is generally more difficult to route than the standard footprint because of the top
layer fan-out and void via placement needed; however, when the footprint with oval pads is used, Via on Pads,
laser-drilled vias, and HDI board processes are not required. Therefore, a footprint with oval pads is ideal for
cost-optimized applications and will be used for the following the layout example. This layout example follows the
charger application example (see Typical Applications) and includes all necessary passive components needed
for this application. This design uses both the internal and optional external FET paths for sourcing and sinking
power respectively. Follow the differential impedances for High Speed signals defined by their specifications
(DisplayPort - AUXN/P and USB2.0). All I/O will be fanned out to provide an example for routing out all pins, not
all designs will use all of the I/O on the TPS65982.
12.1.5 Component Placement
Placement of components on the top and bottom layers is used for this example to minimize solution size. The
TPS65982 is placed on the top layer of the board and the majority of its components are placed on the bottom
layer. When placing the components on the bottom layer, it is recommended that they are placed directly under
the TPS65982 in a manner where the pads of the components are not directly under the void on the top layer.
Figure 92 and Figure 93 show the placement in 2-D. Figure 94 and Figure 95 show the placement in 3-D.
12.1.6 Designs Rules and Guidance
When starting to route nets it is best to start with 4 mil clearance spacing. The designer may have to adjust the
4mil clearance to 3.5 mil when fanning out the top layer routes. With the routing of the top layer having a tight
clearance, it is recommended to have the layout grid snapped to 1 mil. For certain routes on the layout done in
this guide, the grid snap was set to 0.1 mil. For component spacing this design used 20 mil clearance between
components. The silk screen around certain passive components may be deleted to allow for closer placement of
components.
12.1.7 Routing PP_HV, PP_EXT, PP_5V0, and VBUS
On the top layer, create pours for PP_HV, PP_5V0 and VBUS to extend area to place 8 mil hole and 16 mil
diameter vias to connect to the bottom layer. A minimum of 4 vias is needed to connect between the top and
bottom layer. For the bottom layer, place pours that will connect the PP_HV, PP_5V0, and VBUS capacitors to
their respective vias. The external FETS must also be connected through pours and place vias for the external
FET gates. For 5 A systems, special consideration must be taken for ensuring enough copper is used to handle
the higher current. For 0.5 oz copper top or bottom pours with 0.5-oz plating will require approximately a 120-mil
pour width for 5-A support. When routing the 5 A through a 0.5 oz internal layer, more than 200 mil will be
required to carry the current. Figure 96 and Figure 97 show the pours used in this example.
12.1.8 Routing Top and Bottom Passive Components
The next step is to route the connections to the passive components on the top and bottom layers. For the top
layer only CC1 and CC2 capacitors will be placed on top. Routing the CC1 and CC2 lines with a 8 mil trace will
facilitate the needed current for supporting powered Type C cables through VCONN. For more information on
VCONN please refer to the Type C specification. Figure 98 shows how to route to the CC1 and CC2 to their
respective capacitors. For capacitor GND pin use a 10 mil trace if possible. This particular system support Dead
Battery, which has RPD_G1/2 connected to CC1/2.
The top layer pads will have to be connected the bottom placed component through Vias (8 mil hole and 16 mil
diameter recommended). For the VIN_3V3, VDDIO, LDO_3V3, LDO_1V8A, LDO1V8D, LDO_BMC, and
VOUT_3V3 use 6mil traces to route. For PP_CABLE route using an 8 mil trace and for all other routes 4 mil
traces may be used. To allow for additional space for routing, stagger the component vias to leave room for
routing other signal nets. Figure 99 and Figure 100 show the top and bottom routing. Table 19 provides a
summary of the trace widths.
Table 19. Routing Trace Widths
ROUTE
WIDTH (mil)
CC1, CC2, PP_CABLE
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com