Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 44 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 40Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 41Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 42Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 43Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 44Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 45Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 46Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 47Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 121 page
background image
5 A
RSENSE
10 mΩ ± 1%
NMOS
HV Gate Control and Sense
PP_EXT
44
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
be used to source current from PP_HV to VBUS when the TPS65982 is acting as a power source and the
external path may be used to sink current from VBUS to PP_EXT to charge a battery when the TPS65982 is
acting as a sink. The internal and external paths must never be used in parallel to source current at the same
time or sink current at the same time. The current limiting function will not function properly in this case and may
become unstable.
9.3.3.11 External HV Power Switch as a Source with RSENSE
Figure 20 shows the configuration when the TPS65982 is acting as a source for the external switch path. The
external FETs must be connected in a common-drain configuration and will not work in a common source
configuration. In this mode, current is sourced to VBUS. RSENSE provides an accurate current measurement
and is used to initiate the current limiting feature of the external power path. The voltage between SENSEP
(PP_EXT) and SENSEN (VBUS) is sensed to block reverse current flow. This measurement is also digitally
readable via the ADC.
9.3.3.12 External HV Power Switch as a Sink with RSENSE
Figure 29 shows the configuration when the TPS65982 is acting as a sink for the external switch path with
RSENSE used to sense current. Acting as a sink, the voltage between SENSEP (VBUS) and SENSEN
(PP_EXT) is sensed to provide an accurate current measurement and initiate the current limiting feature of the
external power path. This measurement is also digitally readable via the ADC.
Figure 29. External HV Switch as a Sink with RSENSE
9.3.3.13 External HV Power Switch as a Sink without RSENSE
Figure 30 shows the configuration when the TPS65982 is acting as a sink for the external switch path without an
RSENSE resistor. In this mode, current is sunk from VBUS to an internal system power node, referred to as
PP_EXT. This is used for charging a battery or for providing a supply voltage for a bus-powered device. To block
reverse current, the VBUS and SENSEP pins monitor the voltage across the NFETs. To ensure that SENSEN
does not float, tie SENSEP to SENSEN in this configuration. When configured in this mode, the digital readout
from current from the ADC will be approximately zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com