Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 17Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 18Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 19Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 20Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 21Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 22Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 23Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 24Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
21
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
(1)
The TCLMP_PRT time includes the time through the digital synchronizers. When the clock speed is reduced, the signal assertion time
may be longer.
7.13 Port Data Multiplexer Clamp Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCLMP_IND
Clamp voltage triggering indicator to digital core
3.8
3.95
4.1
V
ICLMP_IND
Clamp current at VCLMP_IND
10
250
μA
TCLMP_PRT(1)
Time from clamp current crossing ICLMP_IND to
interrupt signal assertion
I
≥ ICLMP_IND rising
0
4
μs
ICLMP
USB_EP and USB_RP port clamp current
V = LDO_3V3
250
nA
V = VCLMP_IND + 500 mV
3.5
15
mA
7.14 Port Data Multiplexer SBU Detection Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH_PORT
Port switch detect input high voltage
LDO_3V3 = 3.3 V
2
v
VIL_PORT
Port switch detect input low voltage
LDO_3V3 = 3.3 V
0.8
V
7.15 Port Data Multiplexer Signal Monitoring Pullup and Pulldown Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPU05
500-Ω pullup and pulldown resistance
LDO_3V3 = 3.3 V
350
500
650
Ω
RTPU5
5-kΩ pullup and pulldown resistance
LDO_3V3 = 3.3 V
3.5
5
6.5
kΩ
RPU100
100-kΩ pullup and pulldown resistance
LDO_3V3 = 3.3 V
70
100
130
kΩ
(1)
The USB Endpoint PHY is functional across the entire VIN_3V3 operating range, but parameter values are only verified by design for
VIN_3V3
≥ 3.135 V
7.16 Port Data Multiplexer USB Endpoint Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSMITTER(1)
T_RISE_EP
Rising transition time
Low-speed (1.5 Mbps) data rate only
75
300
ns
T_FALL_EP
Falling transition time
Low-speed (1.5 Mbps) data rate only
75
300
ns
T_RRM_EP
Rise/fall time matching
Low-speed (1.5 Mbps) data rate only
–20%
25%
V_XOVER_EP
Output crossover voltage
1.3
2
V
RS_EP
Source resistance of driver including 2nd stage port
data multiplexer
34
Ω
DIFFERENTIAL RECEIVER (1)
VOS_DIFF_EP
Input offset
–100
100
mV
VIN_CM_EP
Common mode range
0.8
2.5
V
RPU_EP
D– Bias Resistance
Receiving
1.425
1.575
kΩ
SINGLE ENDED RECEIVER(1)
VTH_SE_EP
Single ended threshold
Signal rising and falling
0.8
2
V
VHYS_SE_EP
Single ended threshold hysteresis
Signal falling
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com