Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 4Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 5Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 6Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 7Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 8Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 9Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 10Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 11Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 121 page
background image
8
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
CATEGORY
POR
STATE
DESCRIPTION
NO.
NAME
F1
I2C_ADDR
Analog I/O
Digital core I/O
and control pins
Analog input
Sets the I2C address for both I2C ports as well as determine the master and
slave devices for memory code sharing.
F10
BUSPOWERZ
(GPIO10)
Analog
Input
Digital core I/O
and control pins
Input (Hi-Z)
General purpose digital I/O 10. Sampled by ADC at boot. Tie pin to
LDO_3V3 through a 100-kΩ resistor to disable PP_HV and PP_EXT power
paths during dead-battery or no-battery boot conditions. Refer to the
BUSPOWERZ table for more details.
F11
RESETZ
(GPIO9)
Digital I/O
Digital core I/O
and control pins
Push-pull
output (Low)
General purpose digital I/O 9. Active-low reset output when VOUT_3V3 is
low (driven low on start-up). Float pin when unused.
F2
UART_RX
Digital input
Port multiplexer
pins
Digital input
UART serial receive data. Connect pin to another TPS65982 UART_TX to
share firmware. Connect UART_RX to UART_TX when not connected to
another TPS65982 and ground pin through a 100-kΩ resistance.
F3
No Ball
Blank
Ground and no
connect pins
—
Unpopulated ball for A1 marker and unpopulated inner ring.
F4
SWD_DATA
Digital I/O
Port multiplexer
pins
Resistive
pull high
SWD serial data. Float pin when unused.
F5
GND
Ground
Ground and no
connect pins
—
Ground. Connect all balls to ground plane.
F6
F7
F8
F9
No Ball
Blank
Ground and no
connect pins
—
Unpopulated ball for A1 marker and unpopulated inner ring.
G1
LDO_3V3
Power
Low-current
power pins
—
Output of the VBUS to 3.3-V LDO or connected to VIN_3V3 by a switch.
Main internal supply rail. Used to power external flash memory. Bypass
with capacitance CLDO_3V3 to GND.
G10
GPIO6
Digital I/O
Digital core I/O
and control pins
Hi-Z
General purpose digital I/O 6. Float pin if it is configured as a push-pull
output in the application. Ground pin with a 1-MΩ resistor when unused in
the application.
G11
GPIO3
Digital I/O
Digital core I/O
and control pins
Hi-Z
General purpose digital I/O 3. Float pin if it is configured as a push-pull
output in the application. Ground pin with a 1-MΩ resistor when unused in
the application.
G2
R_OSC
Analog I/O
Digital core I/O
and control pins
Hi-Z
External resistance setting for oscillator accuracy. Connect R_OSC to GND
through resistance RR_OSC.
G3
No Ball
Blank
Ground and no
connect pins
—
Unpopulated ball for A1 marker and unpopulated inner ring.
G4
SWD_CLK
Digital input
Port multiplexer
pins
Resistive
pull high
SWD serial clock. Float pin when unused.
G5
GND
Ground
Ground and no
connect pins
—
Ground. Connect all balls to ground plane.
G6
G7
G8
G9
No Ball
Blank
Ground and no
connect pins
—
Unpopulated ball for A1 marker and unpopulated inner ring.
H1
VIN_3V3
Power
Low-current
power pins
—
Supply for core circuitry and I/O. Bypass with capacitance CVIN_3V3 to
GND.
H10
PP_CABLE
Power
High-current
power pins
—
5-V supply for C_CC pins. Bypass with capacitance CPP_CABLE to GND
when not tied to PP_5V0. Tie pin to PP_5V0 when unused.
H11
VBUS
Power
High-current
power pins
—
5-V output from PP_5V0. Input or output from PP_HV up to 20 V. Bypass
with capacitance CVBUS to GND.
H2
VOUT_3V3
Power
Low-current
power pins
—
Output of supply switched from VIN_3V3. Bypass with capacitance
COUT_3V3 to GND. Float pin when unused.
H3
No Ball
Blank
Ground and no
connect pins
—
Unpopulated ball for A1 marker and unpopulated inner ring.
H4
GND
Ground
Ground and no
connect pins
—
Ground. Connect all balls to ground plane.
H5
H6
GPIO8
Digital I/O
Digital core I/O
and control pins
Hi-Z
General purpose digital I/O 8. Float pin if it is configured as a push-pull
output in the application. Ground pin with a 1-MΩ resistor when unused in
the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com