Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 92 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 88Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 89Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 90Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 91Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 92Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 93Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 94Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 95Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 121 page
background image
92
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
VDDIO (continued)
Table 18. Recommended Supply Load Capacitance
PARAMETER
DESCRIPTION
VOLTAGE
RATING
CAPACITANCE
MIN
(ABS
MIN)
TYP
(TYP
PLACED)
MAX
(ABS MAX)
CVIN_3V3
Capacitance on VIN_3V3
6.3 V
5 µF
10 μF
CLDO_3V3
Capacitance on LDO_3V3
6.3 V
5 µF
10 µF
25 µF
CVOUT_3V3
Capacitance on VOUT_3V3
6.3 V
0.1 μF
1 μF
2.5 μF
CLDO_1V8D
Capacitance on LDO_1V8D
4 V
500 nF
2.2 µF
12 µF
CLDO_1V8A
Capacitance on LDO_1V8A
4 V
500 nF
2.2 µF
12 µF
CLDO_BMC
Capacitance on LDO_BMC
4 V
1 µF
2.2 µF
4 µF
CVDDIO
Capacitance on VDDIO. When shorted to LDO_3V3, the
CLDO_3V3 capacitance may be shared.
6.3 V
0.1 µF
1 µF
CVBUS
Capacitance on VBUS 1
25 V
0.5 µF
1 µF
12 µF
CPP_5V0
Capacitance on PP_5V0
10 V
2.5 µF
4.7 µF
CPP_HV
Capacitance on PP_HV (Source to VBUS)
25 V
2.5 µF
4.7 µF
Capacitance on PP_HV (Sink from VBUS)
25 V
47 µF
120 µF
CPP_CABLE
Capacitance on PP_CABLE. When shorted to PP_5V0, the
CPP_5V0 capacitance may be shared.
10 V
2.5 µF
4.7 µF
CPP_HVEXT
Capacitance on external high voltage source to VBUS
25 V
2.5 µF
4.7 µF
Capacitance on external high voltage sink from VBUS
25 V
47 µF
120 µF
CSS
Capacitance on soft start pin
6.3 V
220 nF
CC_CC1
Capacitance on C_CC1 pin
25 V
220 pF
330 pF
470 pF
CC_CC2
Capacitance on C_CC2 pin
25 V
220 pF
330 pF
470 pF
11.3.2 Schottky for Current Surge Protection
To prevent the possibility of large ground currents into the TPS65982 during sudden disconnects because of
inductive effects in a cable, it is recommended that a Schottky be placed from VBUS to GND as shown in
Figure 86. The NSR20F30NXT5G is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com