Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 13Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 14Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 15Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 16Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 17Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 18Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 19Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 20Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 121 page
background image
17
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Port Power Switch Characteristics (continued)
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
(3)
Specified for a 10-mΩ RSENSE resistor and 10-mΩ RSENSE application code setting. Values will scale with a different RSENSE
resistance and application code setting.
(4)
The current sense in the ADC will not accurately read below the current VREV5V0/RPP5V or VREVHV/RPPHV because of the reverse
blocking behavior. When reverse blocking is disabled, the values given for accuracy are valid.
ILIMHVEXT(3)(2)
PP_EXT current limit, setting 0
0.986
1.12
1.254
A
PP_EXT current limit, setting 1
1.231
1.399
1.567
A
PP_EXT current limit, setting 2
1.477
1.678
1.879
A
PP_EXT current limit, setting 3
1.761
1.957
2.153
A
PP_EXT current limit, setting 4
2.012
2.236
2.46
A
PP_EXT current limit, setting 5
2.263
2.515
2.767
A
PP_EXT current limit, setting 6
2.514
2.794
3.074
A
PP_EXT current limit, setting 7
2.765
3.073
3.381
A
PP_EXT current limit, setting 8
3.016
3.352
3.688
A
PP_EXT current limit, setting 9
3.267
3.631
3.995
A
PP_EXT current limit, setting 10
3.519
3.91
4.301
A
PP_EXT current limit, setting 11
3.77
4.189
4.608
A
PP_EXT current limit, setting 12
4.021
4.468
4.915
A
PP_EXT current limit, setting 13
4.272
4.747
5.222
A
PP_EXT current limit, setting 14
4.523
5.026
5.529
A
PP_EXT current limit, setting 15
5.025
5.584
6.143
A
ILIMPP5V(2)
PP_5V0 current limit, setting 0
1.006
1.118
1.330
A
PP_5V0 current limit, setting 1
1.132
1.258
1.484
A
PP_5V0 current limit, setting 2
1.258
1.398
1.638
A
PP_5V0 current limit, setting 3
1.384
1.538
1.691
A
PP_5V0 current limit, setting 4
1.51
1.677
1.845
A
PP_5V0 current limit, setting 5
1.636
1.817
1.999
A
PP_5V0 current limit, setting 6
1.761
1.957
2.153
A
PP_5V0 current limit, setting 7
1.887
2.097
2.307
A
PP_5V0 current limit, setting 8
2.013
2.237
2.46
A
PP_5V0 current limit, setting 9
2.139
2.376
2.614
A
PP_5V0 current limit, setting 10
2.265
2.516
2.768
A
PP_5V0 current limit, setting 11
2.39
2.656
2.922
A
PP_5V0 current limit, setting 12
2.516
2.796
3.075
A
PP_5V0 current limit, setting 13
2.642
2.936
3.229
A
PP_5V0 current limit, setting 14
2.768
3.075
3.383
A
PP_5V0 current limit, setting 15
3.019
3.355
3.69
A
ILIMPPCC
PP_CABLE current limit (highest setting)
0.6
0.75
0.9
A
PP_CABLE current limit (lowest setting)
0.35
0.45
0.55
A
IHV_ACC(4)
PP_HV current sense accuracy
I = 100 mA Reverse current
blocking disabled
3.25
5
6.75
A/V
I = 200 mA
4
5
6
A/V
I = 500 mA
4.4
5
5.6
A/V
I
≥ 1 A
4.5
5
5.5
A/V
IHVEXT_ACC
PP_EXT current sense accuracy (excluding
RSENSE accuracy)
I = 100 mA , RSENSE = 10 mΩ
Reverse current blocking disabled
3.5
5
6.5
A/V
I = 200 mA, RSENSE = 10 mΩ
4
5
6
A/V
I = 500 mA, RSENSE = 10 mΩ
4.4
5
5.6
A/V
I
≥ 1 A, RSENSE = 10 mΩ
4.5
5
5.5
A/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com