Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 93 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 89Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 90Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 91Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 92Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 93Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 94Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 95Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 96Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 121 page
background image
PP_5V0
VBUS
Fast
current
limit
PP_5V0 Gate Control
and Current Limit
PP_HV
Fast
current
limit
PP_HV Gate Control
and Current Limit
HV Gate Control and Sense
PP_EXT
AGND
93
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 86. Schottky on VBUS for Current Surge Protection
12 Layout
12.1 Layout Guidelines
Proper routing and placement will maintain signal integrity for high-speed signals and improve the thermal
dissipation from the TPS65982 power path. The combination of power and high-speed data signals are easily
routed if the following guidelines are followed. It is a best practice to consult with a printed circuit board (PCB)
manufacturer to verify manufacturing capabilities.
12.1.1 TPS65982 Recommended Footprints
12.1.1.1 Standard TPS65982 Footprint (Circular Pads)
Figure 87 shows the TPS65982 footprint using a 0.25mm pad diameter. This footprint is applicable to boards that
will be using an HDI PCB process that uses smaller vias to fan-out into the inner layers of the PCB. This footprint
requires via fill and tenting and is recommended for size-constrained applications. The circular footprint allows for
easy fan-out into other layers of the PCB and better thermal dissipation into the GND planes. Figure 88 shows
the recommended via sizing for use under the balls. The size is 5mil hole and 10mil diameter. This via size will
allow for approximately 1.5A current rating at 3 mΩ of DC resistance with 1.6nH of inductance. It is
recommended to verify these numbers with board manufacturing processes used in fabrication of the PCB. This
footprint is available for download on the TPS65982 product folder on the TPS65982 product folder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com