Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 6Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 7Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 8Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 9Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 10Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 11Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 12Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 13Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 121 page
background image
10
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
CATEGORY
POR
STATE
DESCRIPTION
NO.
NAME
L6
C_USB_TN
Analog I/O
Type-C port pins
Hi-Z
Port-side top USB D– connection to port multiplexer.
L7
C_USB_BN
Analog I/O
Type-C port pins
Hi-Z
Port-side bottom USB D– connection to port multiplexer.
L8
C_SBU2
Analog I/O
Type-C port pins
Hi-Z
Port-side Sideband Use connection of port multiplexer.
L9
C_CC1
Analog I/O
Type-C port pins
Hi-Z
Output to Type-C CC or VCONN pin. Filter noise with capacitance CC_CC1
to GND.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network GND. All GND pins must be connected directly to the GND plane of the board.
(3)
The 24 V maximum is based on keeping HV_GATE1/2 at or below 30 V. Fast voltage transitions (<100 ns) may occur up to 30 V.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VI
Input voltage(2)
PP_CABLE, PP_5V0
–0.3
6
V
VIN_3V3
–0.3
3.6
SENSEP(3), SENSEN(3)
–0.3
24
VDDIO, UART_RX
–0.3
LDO_3V3 + 0.3
VIO
Output voltage (2)
LDO_1V8A, LDO_1V8D, LDO_BMC, SS
–0.3
2
V
LDO_3V3
–0.3
3.45
VOUT_3V3, RESETZ, I2C _IRQ1Z, I2C_IRQ2Z, SPI_MOSI, SPI_CLK, SPI_SSZ,
LSX_P2R, SWD_CLK, UART_TX
–0.3
LDO_3V3 + 0.3
HV_GATE1, HV_GATE2
–0.3
30
HV_GATE1 (relative to SENSEP),
–0.3
6
HV_GATE2 (relative to VBUS)
VIO
I/O voltage (2)
PP_HV, VBUS(3)
–0.3
24
V
I2C_SDA1, I2C_SCL1, SWD_DATA, SPI_MISO, I2C_SDA2, I2C_SCL2, LSX_R2P,
USB_RP_P, USB_RP_N, AUX_N, AUX_P, DEBUG1, DEBUG2, DEBUG3, DEBUG4,
DEBUG_CTL1, DEBUG_CTL2, GPIOn, MRESET, BUSPOWERZ, GPIO0-8
–0.3
LDO_3V3 + 0.3
R_OSC, I2C_ADDR
–0.3
2
HRESET
–0.3
LDO_1V8D + 0.3
C_USB_TP, C_USB_TN, C_USB_BP, C_USB_BN, C_SBU2, C_SBU1 (switches open)
–2
6
C_USB_TP, C_USB_TN, C_USB_BP, C_USB_BN, C_SBU2, C_SBU1 (switches
closed)
–0.3
6
C_CC1, C_CC2, RPD_G1, RPD_G2
–0.3
6
TJ
Operating junction temperature
–10
125
°C
Tstg
Storage temperature
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com