Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 52 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 48Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 49Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 50Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 51Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 52Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 53Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 54Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 55Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 121 page
background image
Time (50 Ps/div)
-0.5
-1
0
0
0.5
1
1
2
1.5
3
2
4
2.5
5
3
6
D011
I CC2
C_CC2
PP_CABLE
52
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 42. PP_CABLE to C_CCn Current Limit Response with a Soft Short (2 Ω)
9.3.4 USB Type-C Port Data Multiplexer
The USB Type-C receptacle pin configuration is show in Figure 43. Not all signals shown are required for all
platforms or devices. The basic functionality of the pins deliver USB 2.0 (D+ and D–) and USB 3.1 (TX and RX
pairs) data buses, USB power (VBUS) and ground (GND). Configuration Channel signals (CC1 and CC2), and
two Reserved for Future Use (SBU) signal pins. The data bus pins (Top and Bottom D+/D– and the SBU pins)
are available to be used in non-USB applications as an Alternate Mode (i.e., DisplayPort, Thunderbolt™, etc.).
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A11
A12
GND
TX1+
TX1–
VBUS
CC1
D+
D–
SBU1
VBUS
RX2–
RX2+
GND
GND
RX1+
RX1–
VBUS
SBU2
D–
D+
CC2
VBUS
TX2–
TX2+
GND
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
Figure 43. USB Type-C Receptacle Pin Configuration
The TPS65982 USB Type-C interface multiplexers are shown in Table 2. The outputs are determined based on
detected cable orientation as well as the identified interface that is connected to the port. There are two USB
output ports that may or may not be passing USB data. When an Alternate Mode is connected, these same ports
may also pass that data (e.g. DisplayPort, Thunderbolt). Note, the TPS65982 pin to receptacle mapping is shown
in Table 2. The high-speed RX and TX pairs are not mapped through the TPS65982 as this would place extra
resistance and stubs on the high-speed lines and degrade signal performance.
Table 2. TPS65982 to USB Type-C Receptacle Mapping
DEVICE PIN
Type-C RECEPTACLE PIN
VBUS
VBUS (A4, A9, B4, B9)
C_CC1
CC1 (A5)
C_CC2
CC2 (B5)
C_USB_TP
D+ (A6)
C_USB_TN
D– (A7)
C_USB_BP
D+ (B6)
C_USB_BN
D– (B7)
C_SBU1
SBU1 (A8)
C_SBU2
SBU2 (B8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com