Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 36Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 37Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 38Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 39Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 40Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 41Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 42Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 43Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 121 page
background image
Time (5 Ps/div)
-2
-1
0
0
2
1
4
2
6
3
8
4
10
5
12
6
D004
I VBUS
VBUS
1/RPP5V
VREV5V0
IREV5V0
I
V
40
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 21. 5V Switch I-V Curve
9.3.3.3 PP_5V0 Current Sense
The current from PP_5V0 to VBUS is sensed through the switch and is available to be read digitally through the
ADC.
9.3.3.4 PP_5V0 Current Limit
The current through PP_5V0 to VBUS is limited to ILIMPP5V and is controlled automatically by the digital core.
When the current exceeds ILIMPP5V, the current-limit circuit activates. Depending on the severity of the over-
current condition, the transient response will react in one of two ways: Figure 22 and Figure 23 show the
approximate response time and clamping characteristics of the circuit for a hard short while Figure 24 shows the
shows the approximate response time and clamping characteristics for a soft short with a load of 2 Ω.
Figure 22. PP_5V0 Current Limit with a Hard Short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com