Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 18Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 19Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 20Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 21Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 22Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 23Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 24Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 25Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 121 page
background image
22
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
7.17 Port Data Multiplexer BC1.2 Detection Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DATA CONTACT DETECT
IDP_SRC
DCD source current
LDO_3V3 = 3.3 V
7
10
13
μA
RDM_DWN
DCD pulldown resistance
14.25
20
24.8
kΩ
VLGC_HI
Threshold for no connection
VC_USB_TP/BP
≥
VLGC_HILDO_3V3 = 3.3 V
LDO_3V3 = 3.3 V
2
V
VLGC_LO
Threshold for connection
VC_USB_TP/BP
≤ VLGC_LO
LDO_3V3 = 3.3 V
0.8
V
PRIMARY AND SECONDARY DETECT
VDX_SRC
Source voltage
0.55
0.6
0.65
V
VDX_RSRC
Total series resistance because of port data
multiplexer
VDX_SRC = 0.65 V
65
Ω
VDX_ILIM
VDX_SRC current limit
250
400
μA
IDX_SNK
Sink current
VC_USB_TN/BN
≥ 250 mV
25
75
125
μA
7.18 Analog-to-Digital Converter (ADC) Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RES_ADC
ADC resolution
10
bits
F_ADC
ADC clock frequency
1.477
1.5
1.523
MHz
T_ENA
ADC enable time
42.14
43
43.86
μs
T_SAMPLEA
ADC input sample time
10.5
10.67
10.9
μs
T_CONVERTA
ADC conversion time
7.88
8
8.12
μs
T_INTA
ADC interrupt time
1.31
1.33
1.35
μs
LSB
Least significant bit
1.152
1.17
1.188
mV
DNL
Differential non-linearity
–0.65
0.65
LSB
INL
Integral non-linearity
–1.2
1.2
LSB
GAIN_ERR
Gain error (divider)
–1.5%
1.5%
Gain error (no divider)
–1
1
VOS_ERR
Buffer offset error
–10
10
mV
THERM_ACC
Thermal sense accuracy
–8
8
°C
THERM_GAIN
Thermal slope
3.095
mV/°C
THERM_V0
Zero degree voltage
0.823
V
7.19 Input/Output (I/O) Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SPI
SPI_VIH
High-level input voltage
LDO_3V3 = 3.3 V
2
V
SPI_VIL
Low-level input voltage
LDO_3V3 = 3.3 V
0.8
V
SPI_HYS
Input hysteresis voltage
LDO_3V3 = 3.3 V
0.2
V
SPI_ILKG
Leakage current
Output is Hi-Z, VIN = 0 to LDO_3V3
–1
1
μA
SPI_VOH
SPI output high voltage
IO = –8 mA, LDO_3V3=3.3 V
2.9
V
IO = –15 mA, LDO_3V3=3.3 V
2.5
SPI_VOL
SPI output low voltage
IO = 10 mA
0.4
V
IO = 20 mA
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com