Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 57 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 53Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 54Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 55Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 56Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 57Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 58Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 59Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 60Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 121 page
background image
USB_EP
USB_RP
VDX_SRC
IDX_SNK
USB_EP
USB_RP
RDM_DWN
IDP_SRC
VLGC_HI
To ADC
To ADC
C_USB_TP
C_USB_TN
C_USB_BP
C_USB_BN
57
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
The transceiver is made up of a fully differential output driver, a differential to single-ended receive buffer and
two single-ended receive buffers on the D+/D– independently. The output driver drives the D+/D– of the selected
output of the Port Multiplexer. The signals pass through the 2nd Stage Port Data Multiplexer to the port pins.
When driving, the signal is driven through a source resistance RS_EP. RS_EP is shown as a single resistor in
USB Endpoint Phy but this resistance also includes the resistance of the 2nd Stage Port Data Multiplexer defined
in Port Data Multiplexer Requirements and Characteristics. RPU_EP is disconnected during transmit mode of the
transceiver.
When the endpoint is in receive mode, the resistance RPU_EP is connected to the D– pin of the top or bottom
port (C_USB_TN or C_USB_BN) depending on the detected orientation of the cable. The RPU_EP resistance
advertises low speed mode only.
9.3.4.8 Battery Charger (BC1.2) Detection Block
The battery charger (BC1.2) detection block integrates circuitry to detect when the connected entity on the USB
D+/D– pins is a charger. To enable the required detection mechanisms, the block integrates various voltage
sources, currents, and resistances to the Port Data Multiplexers. Figure 48 shows the connections of these
elements to the Port Data Multiplexers.
Figure 48. BC1.2 Detection Circuitry
9.3.4.9 BC1.2 Data Contact Detect
Data Contact Detect follows the definition in the USB BC1.2 specification. The detection scheme sources a
current IDP_SRC into the D+ pin of the USB connection. The current is sourced into either the C_USB_TP (top)
or C_USB_BP (bottom) D+ pin based on the determined cable/device orientation. A resistance RDM_DWN is
connected between the D– pin and GND. Again, this resistance is connected to either the C_USB_TN (top) or
C_USB_BN (bottom) D– pin based on the determined cable/device orientation. The middle section of Figure 48,
the current source IDP_SRC and the pulldown resistance RDM_DWN, is activated during data contact detection.
9.3.4.10 BC1.2 Primary and Secondary Detection
The Primary and Secondary Detection follow the USB BC1.2 specification. This detection scheme looks for a
resistance between D+ and D– lines by forcing a known voltage on the first line, forcing a current sink on the
second line and then reading the voltage on the second line using the general purpose ADC integrated in the
TPS65982. To provide complete flexibility, 12 independent switches are connected to allow firmware to force
voltage, sink current, and read voltage on any of the C_USB_TP, C_USB_TN, C_USB_BP, and C_USB_BN.
The left and right sections of Figure 48, the voltage source VDX_SRC and the current source IDX_SNK, are
activated during primary and secondary detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com