Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 19Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 20Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 21Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 22Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 23Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 24Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 25Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 26Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 121 page
background image
23
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Input/Output (I/O) Characteristics (continued)
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
DEBUG_CTL1/2 do not have an internal pulldown resistance path.
SWDIO
SWDIO_VIH
High-level input voltage
LDO_3V3 = 3.3 V
2
V
SWDIO_VIL
Low-level input voltage
LDO_3V3 = 3.3 V
0.8
V
SWDIO_HYS
Input hysteresis voltage
LDO_3V3 = 3.3 V
0.2
V
SWDIO_ILKG
Leakage current
Output is Hi-Z, VIN = 0 V to LDO_3V3
–1
1
μA
SWDIO_VOH
Output high voltage
IO = –8 mA, LDO_3V3 = 3.3 V
2.9
V
IO = –15 mA, LDO_3V3 = 3.3 V
2.5
SWDIO_VOL
Output low voltage
IO = 10 mA
0.4
V
IO = 20 mA
0.8
SWDIO_RPU
Pullup resistance
2.8
4
5.2
kΩ
SWDIO_TOS
SWDIO output skew to falling edge SWDCLK
–5
5
ns
SWDIO_TIS
Input setup time required between SWDIO and rising
edge of SWCLK
6
ns
SWDIO_TIH
Input hold time required between SWDIO and rising edge
of SWCLK
1
ns
SWDCLK
SWDCL_VIH
High-level input voltage
LDO_3V3 = 3.3 V
2
V
SWDCL_VIL
Low-level input voltage
LDO_3V3 = 3.3 V
0.8
V
SWDCL_THI
SWDIOCLK HIGH period
0.05
500
μs
SWDCL_TLO
SWDIOCLK LOW period
0.05
500
μs
SWDCL_HYS
Input hysteresis voltage
LDO_3V3 = 3.3 V
0.2
V
SWDCL_RPU
Pullup resistance
2.8
4
5.2
kΩ
GPIO (GPIO0-8, DEBUG1-4, DEBUG_CTL1/2, MRESET, RESETZ, BUSPOWERZ)
GPIO_VIH
High-level input voltage
LDO_3V3 = 3.3 V
2
V
VDDDIO = 1.8 V
1.25
GPIO_VIL
Low-level input voltage
LDO_3V3 = 3.3 V
0.8
V
VDDIO = 1.8 V
0.63
GPIO_HYS
Input hysteresis voltage
LDO_3V3 = 3.3 V
0.2
V
VDDIO = 1.8 V
0.09
GPIO_ILKG
Leakage current
Pin is Hi-Z;
VIN = 0 V to VDD (VDDIO or
LDO_3V3)
–1
1
μA
GPIO_RPU
Pullup resistance (GPIO0-8, DEBUG1-4, MRESET,
RESETZ, BUSPOWERZ)
Pullup enabled
50
100
150
kΩ
Pullup resistance (DEBUG_CTL1/2)
Pullup enabled
2.5
5
7.5
GPIO_RPD
Pulldown resistance (GPIO0-8, DEBUG1-4, MRESET,
RESETZ, BUSPOWERZ)(1)
Pulldown enabled
50
100
150
kΩ
GPIO_DG
Digital input path deglitch
20
ns
GPIO_VOH
Output high voltage
IO = –2 mA, LDO_3V3 = 3.3 V
2.9
V
IO = –2 mA, VDDIO = 1.8 V
1.35
GPIO_VOL
Output low voltage
IO = 2 mA, LDO_3V3 = 3.3 V
0.4
V
IO = 2 mA, VDDIO = 1.8 V
0.45
HRESET
HRESET_VIH
High-level input voltage
1.25
V
HRESET_VIL
Low-level input voltage
0.63
V
HRESET_HYS
Input hysteresis Voltage
0.09
V
HRESET_ILKG
I/O leakage current
VIN = 0 V to LDO_1V8D
–1
1
μA
HRESET_THIGH
HRESET minimum high time to assert a reset condition
2.0
ms
HRESET_TLOW
HRESET minimum low time to deassert a reset condition
2.0
UART_RX/TX, LSX_P2R/R2P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com