Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 46 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 42Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 43Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 44Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 45Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 46Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 47Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 48Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 49Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 121 page
background image
BUSPOWERZ
ADC
LDO_3V3
LDO_1V8D
BUSPOWERZ
ADC
LDO_3V3
LDO_1V8D
BUSPOWERZ
ADC
LDO_3V3
LDO_1V8D
46
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
9.3.3.17 BUSPOWERZ
At power-up, when VIN_3V3 is not present and a dead-battery condition is supported as described in Dead-
Battery or No-Battery Support, the TPS65982 will appear as a USB Type-C sink (device) causing a connected
USB Type-C source (host) to provide 5 V on VBUS. The TPS65982 will power itself from the 5-V VBUS rail (see
Power Management) and execute boot code (see Boot Code). The boot code will observe the BUSPOWERZ
voltage, which will fall into one of three voltage ranges: VBPZ_DIS, VBPZ_HV, and VBPZ_EXT (defined in
BUSPOWERZ Configuration Characteristics). These three voltage ranges configure how the TPS65982 routes
the 5 V present on VBUS to the system in a dead-battery or no-battery scenario.
When the voltage on BUSPOWERZ is in the VBPZ_DIS range (when BUSPOWERZ is tied to LDO_3V3 as in
Figure 31), this indicates that the TPS65982 will not route the 5 V present on VBUS to the entire system. In this
case, the TPS65982 will load SPI-connected flash memory and execute this application code. This configuration
will disable both the PP_HV and PP_EXT high voltage switches and only use VBUS to power the TPS65982.
Figure 31. BUSPOWERZ Configured to Disable Power from VBUS
The BUSPOWERZ pin can alternately configure the TPS65982 to power the entire system through the PP_HV
internal load switch when the voltage on BUSPOWERZ is in the VBPZ_HV range (when BUSPOWERZ is tied to
LDO_1V8D as in Figure 32).
Figure 32. BUSPOWERZ Configured with PP_HV as Input Power Path
The BUSPOWERZ pin can also alternately configure the TPS65982 to power the entire system through the
PP_EXT external load switch when the voltage on BUSPOWERZ is in the VBPZ_EXT range (when
BUSPOWERZ is tied to GND as in Figure 33).
Figure 33. BUSPOWERZ Configured with PP_EXT as Input Power Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com