Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 28Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 29Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 30Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 31Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 32Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 33Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 34Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 35Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 121 page
background image
Digital Core
Power Management and Supervisors
Port Data Multiplexer
NMOS
External FET Control and Sense
2
2
2
2
2
2
3
3
4
2
9
2
2
2
C_USB_TP/TN
C_USB_BP/BN
C_SBU1/2
C_CC1
C_CC2
VBUS
PP_5V0
VIN_3V3
RESETZ
MRESET
HRESET
VOUT_3V3
LDO_3V3
LDO_1V8A
LDO_1V8D
LDO_BMC
BUSPOWERZ
R_OSC
GPIO1-9
I2C_SDA/SCL/IRQ1Z
I2C_SDA/SCL/IRQ2Z
SPI_MOSI/MISO/SSZ/CLK
SWD_DATA/CLK
I2C_ADDR
PP_HV
PP_CABLE
3A
3A
600mA
SENSEP
SENSEN
GND
2
DEBUG_CTL1/2
UART_RX/TX
LSX_R2P/P2R
AUX_P/N
USB_RP_P/N
DEBUG1/2
DEBUG3/4
RPD_G1
RPD_G2
PP_EXT
HV_GATE1
HV_GATE2
VDDIO
Cable/Device
Detect,
and
USB-PD Phy
Cable Power,
32
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 USB-PD Physical Layer
Figure 10 shows the USB PD physical layer block surrounded by a simplified version of the analog plug and
orientation detection block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com