Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 97 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 93Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 94Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 95Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 96Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 97Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 98Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 99Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 100Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 121 page
background image
97
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Layout Guidelines (continued)
Table 19. Routing Trace Widths (continued)
ROUTE
WIDTH (mil)
LDO_3V3, LDO_1V8A, LDO_1V8D, LDO_BMC, VIN_3V3,
VOUT_3V3, VDDIO, HV_GATE1, HV_GATE2
6
Component GND
10
12.1.9 Void Via Placement
The void under the TPS65982 is used to via out I/O and for thermal relief vias. A minimum of 6 vias must be
used for thermal dissipation to the GND planes. The thermal relief vias must be placed on the right side of the
device by the power path. Figure 101 shows the recommended placement of the vias. Note the areas under the
void where vias are not placed. This is done to allow the external FET gate drive and sense pins to route under
the TPS65982 through an inner layer. Figure 102 shows the top layer GND pour to connect the vias and GND
balls together.
12.1.10 Top Layer Routing
Once the components are routed, the rest of the area can be used to route all of the additional I/O. After all nets
have been routed place a polygonal pour under to connect the TPS65982 GND pins to the GND vias. Refer to
Figure 103 for the final top routing and GND pour.
12.1.11 Inner Signal Layer Routing
The inner signal layer is used to route the I/O from the internal balls of the TPS65982 and the external FET
control and sensing. Figure 104 shows how to route the internal layer.
12.1.12 Bottom Layer Routing
The bottom layer has most of the components placed and routed already. Place a polygon pour to connect all of
the GND nets and vias on the bottom layer, refer to Figure 105.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com