Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 94 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 90Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 91Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 92Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 93Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 94Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 95Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 96Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 97Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 121 page
background image
94
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Layout Guidelines (continued)
Figure 87. Top View Standard TPS65982 Footprint (Circular Pads)
Figure 88. Under Ball Recommended Via Size
12.1.2 Alternate TPS65982 Footprint (Oval Pads)
Figure 89 shows the TPS65982 footprint using oval-shaped pads in specific locations. This allows the PCB
designer to route the inner perimeter balls through the top layer. The balls around the perimeter have their pads
in an oval shape with the exception of the corner balls. Figure 90 shows the sizing for the oval pads, 0.25 mm by
0.17 mm. All of the other non-oval shaped pads will have a 0.25 mm diameter. This footprint is recommended for
MDI (Medium Density) PCB designs that are generally less expensive to build. The void under the TPS65982
allows for vias to route the inner signals and connect to the GND and power planes. Figure 91 shows the
recommended minimum via size (8mil hole and 16 mil diameter). The recommended 8mil vias will be rated for
approximately 1.8 A of DC current and 1.5 mΩ of resistance with 1.3 nH of inductance. Some board
manufactures may offer 6mil hole and 12 mil diameter vias with a mechanical drill. This footprint is available for
download on the TPS65982 product folder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com