Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 81 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 77Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 78Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 79Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 80Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 81Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 82Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 83Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 84Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 121 page
background image
VBUS
CC1/2
SSTX/RX
SBU1/2
USB2.0
Type C
Receptacle
TPS65982
(Charger Application)
VBUS
CC1/2
USB2.0
PP_HV
PP_5V0
VIN_3V3
PP_CABLE
Supply 20 V, 5 A
Supply 12 V, 3 A
Supply 5 V, 3.5 A
Supply 3.3 V, 50 mA
Copyright © 2016, Texas Instruments Incorporated
81
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The typical applications of the TPS65982 include chargers, notebooks, tablets, ultrabooks, docking systems,
dongles, and any other product supporting USB Type-C, USB-PD as a power source, power sink, data DFP, data
UFP, or dual-role port (DRP), or supporting both USB Type-C andUSB-PD. The typical applications outlined in
the following sections detail a Fully-Featured USB Type-C and PD Charger Application and a Dual-Port
Notebook Application Supporting USB PD Charging and DisplayPort.
10.2 Typical Applications
10.2.1 Fully-Featured USB Type-C and PD Charger Application
The TPS65982 controls three separate power paths making it a flexible option for Type C PD charger
applications. In addition, the TPS65982 supports VCONN power for e-marked cables which are required for
applications which require greater than 3 A of current on VBUS. Figure 77 below shows the high level block
diagram of a Type C PD charger that is capable of supporting 5 V at 3 A, 12 V at 3 A, and 20 V at 5 A. The 5 V
and 12 V outputs are supported by the TPS65982 internal FETs and the 20-V output uses the external FET path
controlled by the TPS65982 NFET drive. This Type-C PD charger uses a receptacle for flexibility on cable
choice.
Figure 77. Type-C and PD Charger Application
10.2.1.1 Design Requirements
For a USB Type-C and PD Charger application, Table 11 lists the input voltage requirements and expected
current capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com