Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 47 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 43Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 44Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 45Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 46Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 47Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 48Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 49Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 50Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 121 page
background image
TSTABLE
VSRCNEW (max)
Old Voltage
New Voltage
Time
SRPOS
VSRCNEW (min)
VSRCVALID (min)
VSRCVALID (max)
47
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
9.3.3.18 Voltage Transitions on VBUS through Port Power Switches
Figure 34 shows the waveform for a positive voltage transition. The timing and voltages apply to both a transition
from 0 V to PP_5V0 and a transition from PP_5V0 to PP_HV as well as a transition from PP_5V0 to an PP_EXT.
A transition from PP_HV to PP_EXT is possible and vice versa, but does not necessarily follow the constraints in
Figure 34. When a switch is closed to transition the voltage, a maximum slew-rate of SRPOS occurs on the
transition. The voltage ramp will remain monotonic until the voltage reaches VSRCVALID within the final voltage.
The voltage may overshoot the new voltage by VSRCVALID. After time TSTABLE from the start of the transition,
the voltage will fall to within VSRCNEW of the new voltage. During the time TSTABLE, the voltage may fall below
the new voltage, but will remain within VSRCNEW of this voltage.
Figure 34. Positive Voltage Transition on VBUS
Figure 35 shows the waveform for a negative voltage transition. The timing and voltages apply to both a
transition from PP_HV to PP_5V0 and a transition from PP_5V0 to 0V as well as a transition from PP_EXT to
PP_5V0. A transition from PP_HV to PP_EXT is possible and vice versa, but does not necessarily follow the
constraints in Figure 35. When a switch is closed to transition the voltage, a maximum slew-rate of SRNEG
occurs on the transition. The voltage ramp will remain monotonic until the voltage reaches TOLTRANUN within
the final voltage. The voltage may overshoot the new voltage by TOLTRANLN. After time TSTABLE from the
start of the transition, the voltage will fall to within VSRCNEW of the new voltage. During the time TSTABLE, the
voltage may fall below the new voltage, but will remain within VSRCNEW of this voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com