Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 43 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 39Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 40Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 41Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 42Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 43Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 44Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 45Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 46Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 121 page
background image
Time (200 Ps/div)
-1
-5
0
0
1
5
2
10
3
15
4
20
5
25
D008
I VBUS
VBUS
PP_HV
Time (10 Ps/div)
-5
-5
0
0
5
5
10
10
15
15
20
20
25
25
30
30
D007
I VBUS
VBUS
PP_HV
43
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 27. PP_HV Current Limit Response with a Hard Short
Figure 28. PP_HV Current Limit Response with a Soft Short (7 Ω)
9.3.3.10 External HV Power Delivery
The TPS65982 is capable of controlling an external high-voltage, common-drain back-to-back NMOS FET switch
path to source or sink power up to the maximum limit of the USB PD specification: 20 V at 5 A of current. The
TPS65982 provides external control and sense to external NMOS power switches for currents greater than 3 A.
This path is bi-directional for either sourcing current to VBUS or sinking current from VBUS. The external NMOS
switches are back-to-back to protect the system from large voltage differential across the FETs as well as
blocking reverse current flow. Each NFET has a separate gate control. HV_GATE2 is always connected to the
VBUS side and HV_GATE1 is always connected to the opposite side, referred to as PP_EXT. Two sense pins,
SENSEP and SENSEN, are used to implement reverse current blocking, over-current protection, and current
sensing. The external path may be used in conjunction with the internal path. For example, the internal path may



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com